Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC33M650 Datasheet HTML 2Page - Microchip Technology MIC33M650 Datasheet HTML 3Page - Microchip Technology MIC33M650 Datasheet HTML 4Page - Microchip Technology MIC33M650 Datasheet HTML 5Page - Microchip Technology MIC33M650 Datasheet HTML 6Page - Microchip Technology MIC33M650 Datasheet HTML 7Page - Microchip Technology MIC33M650 Datasheet HTML 8Page - Microchip Technology MIC33M650 Datasheet HTML 9Page - Microchip Technology MIC33M650 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MIC33M650
DS20006253A-page 6
 2019 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS(1)
Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT =1V; COUT =2 x47µF; TA =+25°C.
Boldface values indicate -40°C
 TJ  +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
VIN Supply
Input Range
PVIN
2.4
—
5.5
V
Undervoltage Lockout
Threshold
UVLO
2.15
2.225
2.35
VSVIN rising
Undervoltage Lockout
Hysteresis
UVLO_H
—
153
—
mV
SVIN falling
Operating Supply Current
IIN0
—60
100
µA
VFB = 1.2V, non-switching
Shutdown Current
ISHDN
—1.5
10
µA
VEN =0V, PVIN =SVIN =5.5V,
VSW =VSEL1 =VSEL2 =0V,
-40°C
 TJ  +105°C
—
20
µA
VEN =0V, PVIN =SVIN =5.5V,
VSW =VSEL1 =VSEL2 =0V,
-40°C
 TJ  +125°C
Output Voltage vs. VSEL1/2
Output Accuracy
VOUT_ACC
0.5910
0.6
0.6090
VVSEL2 = 0, VSEL1 = 0
0.7880
0.8
0.8120
VVSEL2 = 0, VSEL1 =Z
0.8865
0.9
0.9135
VVSEL2 = 0, VSEL1 = 1
0.9850
1.0
1.0150
VVSEL2 =Z, VSEL1 = 0
1.1820
1.2
1.2180
VVSEL2 =Z, VSEL1 =Z
1.4775
1.5
1.5225
VVSEL2 =Z, VSEL1 = 1
1.7730
1.8
1.8270
VVSEL2 = 1, VSEL1 = 0
2.4625
2.5
2.5375
VVSEL2 = 1, VSEL1 =Z
3.2505
3.3
3.3495
VVSEL2 = 1, VSEL1 = 1
Line Regulation
—
—
0.06
—
%
VOUT =1.0V,
VIN = 2.5V to 5.5V,
IOUT =300 mA
Load Regulation
—
—
0.1
—
%
VOUT =1.0V,
IOUT =0A to 6A
Enable Control
EN Logic Level High
VEN_H
1.2
——
V
VEN rising, regulator enabled
EN Logic Level Low
VEN_L
——
0.4
VVEN falling, regulator shutdown
EN Low Input Current
IEN_L
—0.01
500
nA
VEN =0V
EN High Input Current
IEN_H
—0.01
500
nA
VEN =5.5V
Enable Lockout Delay
—
0.15
0.25
0.4
ms
VSEL Logic Level Control
VSEL1,2 Logic Level High
VSEL_H
1.2
—
—
V
VSEL1,2 rising, regulator enabled
VSEL1,2 Logic Level Low
VSEL_L
——
0.4
V
VSEL1,2 falling, regulator
shutdown
VSEL1,2 Logic Level Open
VSEL_O
—0.8
—
V
VSEL1,2 falling, regulator
shutdown
VSEL1,2 Low Input Current
IVSEL_L
-1
0.011µA
VSEL1,2 =0V
VSEL1,2 High Input Current
IVSEL_H
-1
0.011µA
VSEL1,2 =5.5V
Note 1:
Specification for packaged product only.
2:
Tested in open loop. The closed-loop current limit is affected by the inductance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com