Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 23Page - Microchip Technology MIC33M656 Datasheet HTML 24Page - Microchip Technology MIC33M656 Datasheet HTML 25Page - Microchip Technology MIC33M656 Datasheet HTML 26Page - Microchip Technology MIC33M656 Datasheet HTML 27Page - Microchip Technology MIC33M656 Datasheet HTML 28Page - Microchip Technology MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 27
MIC33M656
6.5.2
SINGLE READ
This reads a single byte from a device, from a
designated register. The register is specified through
the command byte.
The Read command is as follows and it is illustrated in
the timing diagram of Figure 6-4 below.
1.
Send Start sequence.
2.
Send 7-bit slave address.
3.
Send the R/W bit – ‘0’ to indicate a write operation.
4.
Wait for Acknowledge from the slave.
5.
Send the register address that needs to be read.
6.
Wait for Acknowledge from the slave.
7.
Send Start sequence again (Repeated Start
condition).
8.
Send the 7-bit slave address.
9.
Send R/W bit – ‘1’ to indicate a read operation.
10. Wait for Acknowledge from the slave.
11. Receive the 8-bit data from the slave starting
from MSB.
12. Acknowledge from the master. On the received
byte, the master receiver issues a NACK in
place of an ACK to signal the end of the data
transfer.
13. Send Stop sequence.
FIGURE 6-4:
Single Read Timing Diagram.
Note:
Attempts to read from a non-existing
register location will return all zeros.
SDA
S
0
A
A
START
condition
ACK from Slave
Slave address
Command byte
ACK from
Slave
Sr
1
A
A
(repeated)
START condition
R/W
ACK from Slave
Slave address
Data from register
STOP
condition
DATA (first byte)
R/W
At this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
P
(cont.)
* * *
(cont.)
* * *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com