Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 26Page - Microchip Technology MIC33M656 Datasheet HTML 27Page - Microchip Technology MIC33M656 Datasheet HTML 28Page - Microchip Technology MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology MIC33M656 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MIC33M656
DS20006256A-page 30
 2019 Microchip Technology Inc.
REGISTER 7-2:
CTRL2: OUTPUT CONTROL REGISTER (ADDRESS 0x01)
R/W-0
R/W-0
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
DIS_100PCT
FPWM
OT_LATCH
PULLDN
SLEW_RATE[3:0]
bit 7
bit 0
Legend:
V = Factory programmed POR value
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DIS_100PCT: Disable 100% Duty Cycle
0 = 100% DC
1 = Disable 100% DC
bit 6
FPWM: Force PWM
0 = HLL
1 = FPWM
bit 5
OT_LATCH: Overtemperature Latch
0 = Latch off immediately
1 = Latch off after four OT cycles
bit 4
PULLDN: Enable/Disable Regulator Pull-Down when Power-Down
0 = No pull-down
1 = Pull-down
bit 3-0
SLEW_RATE[3:0]: Step Slew Rate Time in µs/V
0000 = 200
0001 = 400
0010 = 600
0011 = 800
0100 = 1000
0101 = 1200
0110 = 1400
0111 = 1600
1000 = 1800
1001 = 2000
1010 = 2200
1011 = 2400
1100 = 2600
1101 = 2800
1110 = 3000
1111 = 3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com