Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology MIC33M656 Datasheet HTML 34Page - Microchip Technology MIC33M656 Datasheet HTML 35Page - Microchip Technology MIC33M656 Datasheet HTML 36Page - Microchip Technology MIC33M656 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 33
MIC33M656
REGISTER 7-4:
FAULT: STATUS AND FAULT REGISTER (ADDRESS 0x03)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
OT_WARN
EN_STAT
BOOT_ERR
SSD
HICCUP
OT
LATCH_OFF
PG
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OT_WARN: Overtemperature Warning
0 = No Fault
1 = Fault
bit 6
EN_STAT: Buck On/Off Control
0 = Off
1 = On
bit 5
BOOT_ERR: Boot-up Error
0 = No Fault
1 = Fault
bit 4
SSD: Soft Start Done
0 = Ramp not done
1 = Ramp done
bit 3
HICCUP: Current Limit Hiccup
0 = Not in Hiccup mode
1 = In Hiccup mode
bit 2
OT: Overtemperature
0 = No Fault
1 = Fault
bit 1
LATCH_OFF: Overcurrent or Overtemperature Fault Latch-Off
0 = No Fault
1 = Fault (device is latched off)
bit 0
PG: Power Good
0 = Power not good
1 = Power good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com