Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 36 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology MIC33M656 Datasheet HTML 34Page - Microchip Technology MIC33M656 Datasheet HTML 35Page - Microchip Technology MIC33M656 Datasheet HTML 36Page - Microchip Technology MIC33M656 Datasheet HTML 37Page - Microchip Technology MIC33M656 Datasheet HTML 38Page - Microchip Technology MIC33M656 Datasheet HTML 39Page - Microchip Technology MIC33M656 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MIC33M656
DS20006256A-page 36
 2019 Microchip Technology Inc.
B
A
0.05 C
0.05 C
(DATUM B)
(DATUM A)
NOTE 1
2X
TOP VIEW
SIDE VIEW
NOTE 1
0.10 C
Microchip Technology Drawing C04-1272 Rev B Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
53-Lead Very Thick Plastic Quad Flat, No Lead Package (QDA) - 6x10x3.05 mm Body
[B1QFN]
A
SEATING
PLANE
C
0.08 C
53X
E
D
1
2
53
1
2
A1
(A3)
D2
0.10
C A B
2X K6
D3
D2
E2
0.10
C A B
K3
E3
D4
e
53X b
BOTTOM VIEW
2X K1
0.10
C A B
0.05
C
E5
19
20
27
28
46
47
53
E6
E4
3X K2
K5
K4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com