Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 5 Page - Microchip Technology

  MIC33M656 Datasheet HTML 1Page - Microchip Technology MIC33M656 Datasheet HTML 2Page - Microchip Technology MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 5
MIC33M656
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
SVIN, PVIN to AGND...................................................................................................................................... -0.3V to +6V
VSW to AGND ................................................................................................................................................ -0.3V to +6V
VEN to AGND................................................................................................................................................ -0.3V to PVIN
VPG to AGND................................................................................................................................................ -0.3V to PVIN
VSDA, VSCLto AGND .................................................................................................................................... -0.3V to PVIN
PVIN to SVIN.............................................................................................................................................. -0.3V to +0.3V
AGND to PGND ........................................................................................................................................... -0.3V to +0.3V
Junction Temperature .......................................................................................................................................... +150°C
Storage Temperature (TS) ...................................................................................................................... -65°C to +150°C
Lead Temperature (soldering, 10s) ...................................................................................................................... +260°C
ESD Rating (Note 1)
HBM ................................................................................................................................................................. 2000V
CDM ................................................................................................................................................................. 1500V
Note 1: Devices are ESD-sensitive. Handling precautions recommended. Human body model, 1.5 k
 in series with
100 pF.
Operating Ratings(1)
Supply Voltage (PVIN) .................................................................................................................................. 2.4V to 5.5V
Enable Voltage (VEN) ...................................................................................................................................... 0V to PVIN
Power Good (PG) Pull-up Voltage (VPU_PG)................................................................................................... 0V to 5.5V
AUX_PVIN to PVIN .....................................................................................................................0V (shorted in operation)
AUX_AGND to AGND ...................................................................................................................0V (shorted in operation)
Maximum Output Current............................................................................................................................................. 6A
Junction Temperature (TJ) ..................................................................................................................... -40°C to +125°C
Note 1: The device is not ensured to function outside the operating range.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com