Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology MIC33M656 Datasheet HTML 10Page - Microchip Technology MIC33M656 Datasheet HTML 11Page - Microchip Technology MIC33M656 Datasheet HTML 12Page - Microchip Technology MIC33M656 Datasheet HTML 13Page - Microchip Technology MIC33M656 Datasheet HTML 14Page - Microchip Technology MIC33M656 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 11
MIC33M656
2.0
TYPICAL CHARACTERISTIC CURVES
Note: Unless otherwise indicated, VIN = PVIN = AUX_PVIN = 5V; VOUT = 1V; COUT = 2 x 47 µF; TA =+25°C.
FIGURE 2-1:
Operating Supply Current vs.
Input Voltage, Switching.
FIGURE 2-2:
High-Side Current Limits vs.
Temperature (VOUT = 1.0V), Closed Loop.
FIGURE 2-3:
High-Side Current Limits vs.
Temperature (VOUT = 3.3V), Closed Loop.
FIGURE 2-4:
Operating Supply Current vs.
Temperature, Switching.
FIGURE 2-5:
RDS(on) vs. Temperature.
FIGURE 2-6:
Efficiency vs. Load Current
(VOUT = 0.6V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
53
54
55
56
57
58
59
60
61
2.5
3
3.5
4
4.5
5
V
IN (V)
V
OUT = 1.0V
I
OUT = 0 mA
HLL mode
1
2
3
4
5
6
7
8
9
10
11
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
V
OUT = 1V
I
LIM = 3.5A
V
IN = 5.0V
I
LIM = 5A
I
LIM = 8.5A
I
LIM = 10A
1
3
5
7
9
11
13
15
17
19
21
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
V
OUT = 3.3V
I
LIM = 3.5A
V
IN = 5.0V
I
LIM = 5A
I
LIM = 8.5A
I
LIM = 10A
45
50
55
60
65
70
75
80
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
V
OUT = 1.0V
V
OUT = 3.3V
0
5
10
15
20
25
30
35
40
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
High Side ON-Resistance
Low Side ON-Resistance
High-Side On-Resistance
Low-Side On-Resistance
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0.0001
0.001
0.01
0.1
1
10
I
OUT (A)
V
OUT = 0.6V
V
IN = 3.3V
V
IN = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com