Electronic Components Datasheet Search
  English  ▼

X  

MIC33M656 Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 28Page - Microchip Technology MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology MIC33M656 Datasheet HTML 34Page - Microchip Technology MIC33M656 Datasheet HTML 35Page - Microchip Technology MIC33M656 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
MIC33M656
DS20006256A-page 32
 2019 Microchip Technology Inc.
bit 7-0
VO[7:0]: Output Voltage Control (SAYMP option)
For codes 0x00 to 0x3B: 0.6V.
REGISTER 7-3:
VOUT: OUTPUT VOLTAGE CONTROL REGISTER (ADDRESS 0x02) (CONTINUED)
0x40 = 0.65V
0x60 = 0.97V
0x80 = 1.3V
0xA0 = 1.94V 0xC0 = 2.58V 0xE0 = 3.22V
0x41 = 0.66V
0x61 = 0.98V 0x81 = 1.32V 0xA1 = 1.96V 0xC1 = 2.6V
0xE1 = 3.24V
0x42 = 0.67V
0x62 = 0.99V 0x82 = 1.34V 0xA2 = 1.98V 0xC2 = 2.62V 0xE2 = 3.26V
0x43 = 0.68V
0x63 = 1V
0x83 = 1.36V 0xA3 = 2V
0xC3 = 2.64V 0xE3 = 3.28V
0x44 = 0.69V
0x64 = 1.01V 0x84 = 1.38V 0xA4 = 2.02V 0xC4 = 2.66V 0xE4 = 3.3V
0x45 = 0.7V
0x65 = 1.02V 0x85 = 1.4V
0xA5 = 2.04V 0xC5 = 2.68V 0xE5 = 3.32V
0x46 = 0.71V
0x66 = 1.03V 0x86 = 1.42V 0xA6 = 2.06V 0xC6 = 2.7V
0xE6 = 3.34V
0x47 = 0.72V
0x67 = 1.04V 0x87 = 1.44V 0xA7 = 2.08V 0xC7 = 2.72V 0xE7 = 3.36V
0x48 = 0.73V
0x68 = 1.05V 0x88 = 1.46V 0xA8 = 2.1V
0xC8 = 2.74V 0xE8 = 3.38V
0x49 = 0.74V
0x69 = 1.06V 0x89 = 1.48V 0xA9 = 2.12V 0xC9 = 2.76V 0xE9 = 3.4V
0x4A = 0.75V
0x6A = 1.07V 0x8A = 1.5V
0xAA = 2.14V 0xCA = 2.78V 0xEA = 3.42V
0x4B = 0.76V
0x6B = 1.08V 0x8B = 1.52V 0xAB = 2.16V 0xCB = 2.8V
0xEB = 3.44V
0x4C = 0.77V
0x6C = 1.09V 0x8C = 1.54V 0xAC = 2.18V 0xCC = 2.82V 0xEC = 3.46V
0x4D = 0.78V
0x6D = 1.1V
0x8D = 1.56V 0xAD = 2.2V
0xCD = 2.84V 0xED = 3.48V
0x4E = 0.79V
0x6E = 1.11V 0x8E = 1.58V 0xAE = 2.22V 0xCE = 2.86V 0xEE = 3.5V
0x4F = 0.8V
0x6F = 1.12V 0x8F = 1.6V
0xAF = 2.24V 0xCF = 2.88V 0xEF = 3.52V
0x50 = 0.81V
0x70 = 1.13V 0x90 = 1.62V 0xB0 = 2.26V 0xD0 = 2.9V
0xF0 = 3.54V
0x51 = 0.82V
0x71 = 1.14V 0x91 = 1.64V 0xB1 = 2.28V 0xD1 = 2.92V 0xF1 = 3.56V
0x52 = 0.83V
0x72 = 1.15V 0x92 = 1.66V 0xB2 = 2.3V
0xD2 = 2.94V 0xF2 = 3.58V
0x53 = 0.84V
0x73 = 1.16V 0x93 = 1.68V 0xB3 = 2.32V 0xD3 = 2.96V 0xF3 = 3.6V
0x54 = 0.85V
0x74 = 1.17V 0x94 = 1.7V
0xB4 = 2.34V 0xD4 = 2.98V 0xF4 = 3.62V
0x55 = 0.86V
0x75 = 1.18V 0x95 = 1.72V 0xB5 = 2.36V 0xD5 = 3V
0xF5 = 3.64V
0x56 = 0.87V
0x76 = 1.19V 0x96 = 1.74V 0xB6 = 2.38V 0xD6 = 3.02V 0xF6 = 3.66V
0x57 = 0.88V
0x77 = 1.2V
0x97 = 1.76V 0xB7 = 2.4V
0xD7 = 3.04V 0xF7 = 3.68V
0x58 = 0.89V
0x78 = 1.21V 0x98 = 1.78V 0xB8 = 2.42V 0xD8 = 3.06V 0xF8 = 3.7V
0x59 = 0.9V
0x79 = 1.22V 0x99 = 1.8V
0xB9 = 2.44V 0xD9 = 3.08V 0xF9 = 3.72V
0x5A = 0.91V
0x7A = 1.23V 0x9A = 1.82V 0xBA = 2.46V 0xDA = 3.1V
0xFA = 3.74V
0x3B = 0.6V
0x5B = 0.92V
0x7B = 1.24V 0x9B = 1.84V 0xBB = 2.48V 0xDB = 3.12V 0xFB = 3.76V
0x3C = 0.61V
0x5C = 0.93V
0x7C = 1.25V 0x9C = 1.86V 0xBC = 2.5V
0xDC = 3.14V 0xFC = 3.78V
0x3D = 0.62V
0x5D = 0.94V
0x7D = 1.26V 0x9D = 1.88V 0xBD = 2.52V 0xDD = 3.16V 0xFD = 3.8V
0x3E = 0.63V
0x5E = 0.95V
0x7E = 1.27V 0x9E = 1.9V
0xBE = 2.54V 0xDE = 3.18V 0xFE = 3.82V
0x3F = 0.64V
0x5F = 0.96V
0x7F = 1.28V 0x9F = 1.92V 0xBF = 2.56V 0xDF = 3.2V
0xFF = 3.84V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com