Electronic Components Datasheet Search
  English  ▼

X  

FXPS7115D4S Datasheet(PDF) 50 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
7
6
5
4
3
2
1
0
Symbol
ICREVID[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 87. IC MANUFACTURER REVISION REGISTER (ICREVID address C1h) bit allocation
7.7.24 IC manufacturer identification register (address C2h)
The IC manufacturer identification register is a factory programmable OTP register
that identifies NXP as the IC manufacturer. This register is included in the factory
programmed OTP array error detection. This register is readable in SPI mode or I2C
mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
ICMFGID[7:0]
Reset
0
0
0
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
Table 88. IC MANUFACTURER IDENTIFICATION REGISTER (ICMFGID address C2h) bit allocation
7.7.25 Part number register (address C4h, C5h)
The part number registers are factory programmed OTP registers that include the
numeric portion of the device part number. These registers are included in the factory
programmed OTP array error detection. These registers are readable in SPI mode or I2C
mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
PN0[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 89. PN0 Register (address C4h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
PN1[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 90. PN1 Register (address C5h) bit allocation
7.7.26 Device serial number registers
The serial number registers are factory programmed OTP registers that include the
unique serial number of the device. Serial numbers begin at 1 for all produced devices
in each lot and are sequentially assigned. Lot numbers begin at 1 and are sequentially
assigned. No lot contains more devices than can be uniquely identified by the 14-bit
serial number. Depending on lot size and quantities, all possible lot numbers and serial
numbers might not be assigned. These registers are included in the factory programmed
OTP array error detection. These registers are readable in SPI mode or I2C mode when
ENDINIT is not set.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
50 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com