Electronic Components Datasheet Search
  English  ▼

X  

EM6821 Datasheet(PDF) 40 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 40 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
40
www.emmicroelectronic.com
9.5 Millisecond Counter Registers
Table 9.5.1 Register RegMSCCntl1
Bit
Name
Reset
R/W
Description
3
RunEn/Stop
0
R/W
Enable counter
2
PA3/µP
0
R/W
Port A or CPU start stop control
1
dT/MSC
0
R/W
Pulse-width measurement
0
ResMSC
0
R/W
Reset if write of 1
Read value is always 0
Default: Stop, CPU controlled.
Table 9.5.2 Register RegMSCCntl2
Bit
Name
Reset
R/W
Description
3
DebFreqSel
0
R/W
Debouncer frequency select
2
PA3Edge
0
R/W
PA[3] edge selection
1
IntSel
0
R/W
Interrupt source selection
0
FlSec
0
R
Seconds flag
Default: Ck[14] is debouncer clock, negative edge, 1/10 Sec Interrupt requests
Table 9.5.3 Register RegMSCDataL
Bit
Name
Reset
R/W
Description
3
BCD[3]
0
R
1/1000 Seconds BCD value 3
2
BCD[2]
0
R
1/1000 Seconds BCD value 2
1
BCD[1]
0
R
1/1000 Seconds BCD value 1
0
BCD[0]
0
R
1/1000 Seconds BCD value 0
Table 9.5.4 Register RegMSCDataM
Bit
Name
Reset
R/W
Description
3
BCD[7]
0
R
1/100 Seconds BCD value 3
2
BCD[6]
0
R
1/100 Seconds BCD value 2
1
BCD[5]
0
R
1/100 Seconds BCD value 1
0
BCD[4]
0
R
1/100 Seconds BCD value 0
Table 9.5.5 Register RegMSCDataH
Bit
Name
Reset
R/W
Description
3
BCD[11]
0
R
1/10 Seconds BCD value 3
2
BCD[10]
0
R
1/10 Seconds BCD value 2
1
BCD[9]
0
R
1/10 Seconds BCD value 1
0
BCD[8]
0
R
1/10 Seconds BCD value 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com