Electronic Components Datasheet Search
  English  ▼

X  

EM6821 Datasheet(PDF) 50 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 50 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
50
www.emmicroelectronic.com
15. Peripheral Memory Map
Reset values are valid after power up or after every system reset.
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
Ram1_0
00
0
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Normal addressable
Ram 64x4 bit
...
...
...
...
...
Ram1_63
3F
63
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Normal addressable
Ram 64x4 bit
Ram2_0
40
64
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
16 nibbles addressable over
index register
on add 'H70
...
...
...
...
Ram2_3
43
67
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
16 nibbles addressable over
index register
on add 'H70
LCD_1
44
68
xxxx
Connections are user definable.
See LCD section
16 nibbles addressable over
index register on add 'H70
LCD_2
45
69
xxxx
Connections are user definable.
See LCD section
16 nibbles addressable over
index register on add 'H70
LCD_3
46
70
xxxx
Connections are user definable.
See LCD section
The 8 lower nibbles are
addressable over the index
register on add 'H70.
The 8 higher Nibbles are not
used and not implemented
---
47
71
Reserved, not implemented
...
...
...
...
---
4F
79
Reserved, not implemented
RegPA
50
80
xxxx
0: PAData[0]
1: PAData[1]
2: PAData[2]
3: PAData[3]
----
Read port A directly
RegPBCntl
51
81
0000
0: PBIOCntl[0]
1: PBIOCntl[1]
2: PBIOCntl[2]
3: PBIOCntl[3]
Port B control
Default: input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com