Electronic Components Datasheet Search
  English  ▼

X  

EM6821 Datasheet(PDF) 60 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 60 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 64Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
60
www.emmicroelectronic.com
19. Temp. and Voltage Behaviors
19.1 IDD Current (Typical)
19.2 Pull-down Resistance (Typical)
Strong Pulldown [Kohm] @ 3V
50
75
100
125
150
-20
0
20
40
60
80
[°C]
Strong PullUp [Kohm] @ 3V
50
75
100
125
150
-20
0
20
40
60
80
[°C]
Strong Pulldown [Kohm] @ 25°C
75
80
85
90
95
100
1.2
1.8
2.4
3.0
3.6
[V]
Strong PullUp [Kohm] @ 25°C
75
80
85
90
95
100
1.21.8
2.43.0
3.6
[V]
IDD Halt M ode; Lcd Of f; No Regulator; VDD=1.5V
300
400
500
600
700
800
-20
0
20
40
60
80
[°C]
[nA]
IDD Halt M ode LCD On; No Regulator; VDD=1.5V
500
600
700
800
900
1000
-20
0
20
40
60
80
[°C]
[nA]
IDD Run M ode Lcd On; No Regulator ; VDD=1.5V
1000
1200
1400
1600
1800
2000
-20
0
20
40
60
80
[°C]
[nA]
IDD Halt M ode; LCD Off, Regulat or; VDD=3.0V
300
400
500
600
700
800
-20
0
20
40
60
80
[°C]
[nA]
IDD Halt M ode LCD On; Regulator; VDD=3.0V
500
600
700
800
900
1000
-20
0
20
40
60
80
[°C]
[nA]
IDD Run M ode LCD On; Regulator; VDD=3.0V
1000
1200
1400
1600
1800
2000
-20
0
20
40
60
80
[°C]
[nA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com