Electronic Components Datasheet Search
  English  ▼

X  

EM6821 Datasheet(PDF) 54 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 54 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 58Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
54
www.emmicroelectronic.com
16. Option Register Memory Map
The values of the option registers are set by initial reset on power up and through write operations only.
Other resets ; as reset from watchdog, reset from input port A, reset from pin RESET, etc. do not change
the options register value.
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
OPTDebIntPA
OPT[3:0]
75
117
0000
0: NoDebIntPA[0]
1: NoDebIntPA[1]
2: NoDebIntPA[2]
3: NoDebIntPA[3]
Debouncer on port A
for interrupt gen.
Default: debouncer on
OPTIntEdgPA
OPT[7:4]
76
118
0000
0: IntEdgPA[0]
1: IntEdgPA[1]
2: IntEdgPA[2]
3: IntEdgPA[3]
Interrupt edge select on
port A.
Default: pos. edge
OPTNoPullPA
OPT[11:8]
77
119
0000
0: NoPullPA[0]
1: NoPullPA[1]
2: NoPullPA[2]
3: NoPullPA[3]
Pull-down selection on
port A
Default: pull-down
OPTNoPdPB
OPT[15:12]
78
120
0000
0: NoPdPB[0]
1: NoPdPB[1]
2: NoPdPB[2]
3: NoPdPB[3]
Pull-down selection on
port B
Default: pull-down
OPTNchOpDPB
OPT[19:16]
79
121
0000
0: NchOpDPB[0]
1: NchOpDPB[1]
2: NchOpDPB[2]
3: NchOpDPB[3]
Nch. open drain
output on port B
Default: CMOS output
OPTNchOpDPS
OPT[23:20]
7A
122
0000
0: NchOpDPS[0]
1: NchOpDPS[1]
2: NchOpDPS[2]
3: NchOpDPS[3]
Nch. open drain
output on port serial
Default: CMOS output
OPTFSelPB
OPT[31:28]
7B
123
0000
0: PB1HzOut
1: PB1kHzOut
2: PB32kHzOut
3: InpResSleep
Frequency output on
port B, reset from sleep
mode with port A
OPTInpRSel1
7C
124
0000
0: InpRes1PA[0]
1: InpRes1PA[1]
2: InpRes1PA[2]
3: InpRes1PA[3]
Reset through port A
inputs selection.
Refer to reset part
OPTInpRSel2
7D
125
0000
0: InpRes2PA[0]
1: InpRes2PA[1]
2: InpRes2PA[2]
3: InpRes2PA[3]
Reset through port A
inputs selection.
Refer to reset part
OPTNoPdPS
OPT[35:32]
7E
126
0000
0: NoPdPS[0]
1: NoPdPS[1]
2: NoPdPS[2]
3: NoPdPS[3]
No Pull-down on port SP
Default: pull-down
RegTestEM
7F
127
----
----
----
for EM test only;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com