Electronic Components Datasheet Search
  English  ▼

X  

EM6821 Datasheet(PDF) 51 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 51 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
51
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
RegPBData
52
82
0000
0: PB[0]
1: PB[1]
2: PB[2]
3: PB[3]
0: PBData[0]
1: PBData[1]
2: PBData[2]
3: PBData[3]
Port B data output
Pin port B read
Default : 0
RegSCntl1
53
83
0000
0: MSBnLSB
1: POSnNeg
2: MS0
3: MS1
Serial interface
control 1
RegSCntl2
54
84
0000
0: OM[0]
1: OM[1]
2: Status
3: Start
Serial interface
control 2
RegSDataL
55
85
0000
0: SerDataL[0]
1: SerDataL[1]
2: SerDataL[2]
3: SerDataL[3]
Serial interface
low data nibble
RegSDataH
56
86
0000
0: SerDataH[0]
1: SerDataH[1]
2: SerDataH[2]
3: SerDataH[3]
Serial interface
high data nibble
RegSPData
57
87
0000
0: PSP[0]
1: PSP[1]
2: PSP[2]
3: PSP[3]
0: SerPData[0]
1: SerPData[1]
2: SerPData[2]
3: SerPData[3]
Serial interface
parallel data out
RegMelFSel
58
88
0000
0: MelFSel[0]
1: MelFSel[1]
2: MelFSel[2]
3: BzOutEn
Melody frequency select and
output enable control
RegMelTim
59
89
0000
0:FTimSel0
1:FTimSel1
2:Auto
3:FlBuzzer
0:FTimSel0
1:FTimSel1
2:Auto
3:SwBuzzer
Melody timer control
RegMelPeri
5A
90
0000
0: -
1: -
2: -
3: -
0: Per[0]
1: Per[1]
2: Per[2]
3: Per[3]
Melody timer period
RegCCntl1
5B
91
0000
0: CountFSel0
1: CountFSel1
2: CountFSel2
3: UP/Down
10-bit counter
control 1;
frequency and up/down
RegCCntl2
5C
92
0000
0: '0'
1: EnComp
2: EvCount
3: Start
0 : Load
1: EnComp
2: EvCount
3: Start
10-bit counter control 2;
comparison, event counter and
start
RegCDataL
5D
93
0000
0: Count[0]
1: Count[1]
2: Count[2]
3: Count[3]
0: CReg[0]
1: CReg[1]
2: CReg[2]
3: CReg[3]
10-bit counter
data low nibble
RegCDataM
5E
94
0000
0: Count[4]
1: Count[5]
2: Count[6]
3: Count[7]
0: CReg[4]
1: CReg[5]
2: CReg[6]
3: CReg[7]
10-bit counter
data middle nibble
RegCDataH
5F
95
0000
0: Count[8]
1: Count[9]
2: BitSel[0]
3: BitSel[1]
0: CReg[8]
1: CReg[9]
2: BitSel[0]
3: BitSel[1]
10 bit counter
data high bits
RegMSCCntl1
60
96
0000
0: '0'
1: dT/MSC
2: PA3/µP
3:RunEn/Stop
0: ResMSC
1: dT/MSC
2: PA3/µP
3:RunEn/Stop
millisecond counter
control register 1;
reset, delta time, control source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com