Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Typical Operating Characteristics (continued)
(Measurement BW = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
7
0
-120
10
1k
10k
100
100k
CROSSTALK vs. FREQUENCY
(SPEAKER MODE)
FREQUENCY (Hz)
-100
-110
-80
-90
-60
-70
-40
-50
-20
-10
-30
VCC = 5V
VRIPPLE = 200mVP-P
RL = 4
Ω
LEFT TO RIGHT
RIGHT TO LEFT
TURN-ON RESPONSE
(SPEAKER MODE)
MAX9750/51 toc11
20ms/div
SHDN
5V/div
2V/div
100mV/div
OUT_+
AND
OUT_-
OUT_+
- OUT_-
RL = 8
Ω
TURN-OFF RESPONSE
(SPEAKER MODE)
MAX9750/51 toc12
20ms/div
SHDN
5V/div
2V/div
20mV/div
OUT_+
AND
OUT_-
OUT_+
- OUT_-
RL = 8
Ω
10
1
0.1
0.01
0.001
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
VDD = 5V
RL = 16
Ω
AV = 3dB
OUTPUT POWER = 90mW
OUTPUT POWER = 30mW
10
1
0.1
0.01
0.001
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
VDD = 5V
RL = 32
Ω
AV = 3dB
OUTPUT POWER = 45mW
OUTPUT POWER = 10mW
10
1
0.1
0.01
0.001
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
VDD = 3.3V
RL = 16
Ω
AV = 3dB
OUTPUT POWER = 30mW
OUTPUT POWER = 10mW
10
1
0.1
0.01
0.001
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
VDD = 3.3V
RL = 32
Ω
AV = 3dB
OUTPUT POWER = 45mW
OUTPUT POWER = 10mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com