Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9750CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX9750/MAX9751/MAX9755 combine a stereo,
2.6W audio power amplifier and stereo DirectDrive
110mW headphone amplifier in a single device. The
headphone amplifier uses Maxim’s patented DirectDrive
architecture that produces a ground-referenced output
from a single supply, eliminating the need for large DC-
blocking capacitors, saving cost, space, and component
height. A high 90dB PSRR and low 0.01% THD+N
ensures clean, low-distortion amplification of the audio
signal.
The MAX9750 features an analog volume control, and a
BEEP input. The MAX9751 features a 2:1 input multiplexer,
allowing multiple audio sources to be selected. All devices
feature a single-supply voltage, a shutdown mode, logic-
selectable gain, and a headphone sense input. Industry-
leading click-and-pop suppression eliminates audible
transients during power and shutdown cycles.
The MAX9750/MAX9751/MAX9755 are offered in space-
saving, thermally efficient 28-pin thin QFN (5mm x 5mm
x 0.8mm) and 28-pin TSSOP-EP packages. Both devices
have thermal-overload and output short-circuit protec-
tion, and are specified over the extended -40°C to +85°C
temperature range.
Applications
Notebook PCs
Flat-Panel TVs
Tablet PCs
PC Displays
Portable DVD
LCD Projectors
Features
♦ No DC-Blocking Capacitors Required—Provides
Industry’s Most Compact Notebook Audio
Solution
♦ PC2001 Compliant
♦ 5V Single-Supply Operation
♦ Class AB 2.6W Stereo BTL Speaker Amplifiers
♦ 110mW DirectDrive Headphone Amplifiers
♦ High 90dB PSRR
♦ Low-Power Shutdown Mode
♦ Industry-Leading Click-and-Pop Suppression
♦ Low 0.01% THD+N at 1kHz
♦ Short-Circuit and Thermal Protection
♦ Selectable Gain Settings
♦ Analog Volume Control (MAX9750)
♦ Beep Input with Glitch Filter (MAX9750)
♦ 2:1 Stereo Input MUX (MAX9751)
♦ ±8kV ESD-Protected Headphone Driver Outputs
♦ Available in Space-Saving, Thermally Efficient
Packages
28-Pin Thin QFN (5mm x 5mm x 0.8mm)
28-Pin TSSOP-EP
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3006; Rev 0; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
MAXIMUM
GAIN (dB)
MAX9750AETI*
†
-40°C to +85°C 28 Thin QFN
13.5
MAX9750AEUI*
†
-40°C to +85°C 28 TSSOP-EP**
13.5
MAX9750BETI*
†
-40°C to +85°C 28 Thin QFN
19.5
MAX9750BEUI*
†
-40°C to +85°C 28 TSSOP-EP**
19.5
MAX9750CETI
†
-40°C to +85°C 28 Thin QFN
10.5
MAX9750CEUI*
†
-40°C to +85°C 28 TSSOP-EP**
10.5
MAX9751ETI*
†
-40°C to +85°C 28 Thin QFN
10.5
MAX9751EUI*
†
-40°C to +85°C 28 TSSOP-EP**
10.5
MAX9755AETI*
†
-40°C to +85°C 28 Thin QFN
10.5
MAX9755AEUI*
†
-40°C to +85°C 28 TSSOP-EP**
10.5
*Future product—contact factory for availability.
**EP = Exposed Paddle.
†Lead-free package.
VOL
BEEP
MAX9750
Simplified Block Diagrams
Simplifed Block Diagrams continued at end of data sheet.


Similar Part No. - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results

Similar Description - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com