Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 11Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 13Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 15Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 16Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 17Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
14
______________________________________________________________________________________
BEEP Input
The MAX9750 features an audible alert beep input
(BEEP) that accepts a mono system alert signal and
mixes it into the stereo audio path. When the amplitude
of VBEEP(OUT) exceeds 800mVP-P (Figure 8) and the
frequency of the beep signal is greater than 300Hz, the
beep signal is mixed into the active audio path (speaker
or headphone). If the signal at VBEEP(OUT) is either
<800mVP-P or <300Hz, the BEEP signal is not mixed into
the audio path. The amplitude of the BEEP signal at the
device output is roughly the amplitude of VBEEP(OUT)
times the gain of the selected signal path.
The input resistor (RB) sets the gain of the BEEP input
amplifier, and thus the amplitude of VBEEP(OUT). Choose
RB based on:
where RINT is the value of the BEEP amplifier feedback
resistor (47k
Ω) and VIN is the BEEP input amplitude.
Note that the BEEP amplifier can be set up as either an
attenuator, if the original alert signal amplitude is too
large, or set to gain up the alert signal if it is below
800mVP-P. AC couple the alert signal to BEEP. Choose
the value of the coupling capacitor as described in the
Input Filtering section. Multiple beep inputs can be
summed (Figure 8).
Input Multiplexer
The MAX9751 features a 2:1 input multiplexer on each
amplifier, allowing input selection between two stereo
sources. The logic input IN1/2 controls both multiplex-
ers. A logic high selects input IN_1 and a logic low
selects input IN_2.
Shutdown
The MAX9750/MAX9751/MAX9755 features a 0.2µA,
low-power shutdown mode that reduces quiescent cur-
rent consumption and extends battery life. Driving
SHDN low disables the drive amplifiers, bias circuitry,
and charge pump, and drives BIAS and all outputs to
GND. Connect SHDN to VDD for normal operation.
Click-and-Pop Suppression
Speaker Amplifier
The MAX9750/MAX9751/MAX9755 speaker amplifiers
feature Maxim’s comprehensive, industry-leading click-
and-pop suppression. During startup, the click-pop
suppression circuitry eliminates any audible transient
sources internal to the device. When entering shut-
down, both amplifier outputs ramp to GND quickly and
simultaneously.
R
VR
B
IN
INT
.
≤
×
08
MAX9750
VREF
DAC
HPVDD
VOL
Figure 6. Volume Control Circuit
GAIN
SPEAKER MODE
GAIN (dB)
HEADPHONE
MODE GAIN (dB)
0
10.5
3
19
0
Table 2. MAX9751 Gain Settings
SPEAKER MODE GAIN (dB)
GAIN1
GAIN2
MAX9750A
MAX9750B
MAX9750C
HEADPHONE MODE GAIN (dB)
00
9
15
6
0
0
1
12
18
9
0
1
0
10.5
16.5
7.5
3
1
1
13.5
19.5
10.5
3
Table 1. MAX9750 Maximum Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com