Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 19Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 20Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 21Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 22Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 23Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 24Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 25Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 26Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
______________________________________________________________________________________
23
HPVDD
HPS
INR
BIAS
VOL
GAIN1
GAIN2
BEEP
3V TO 5.5V
CPVDD
C1P
C1N
CPVSS
VSS
GND
PGND
C1
1
µF
CBIAS
1
µF
CIN
1
µF
CIN
1
µF
C2
1
µF
0.47
µF
1
µF
CPGND
INL
27
(3)
21
(25)
28
(4)
24
(28)
23
(27)
2
(6)
22
(26)
7
(11)
8
(12)
10
(14)
9
(13)
11
(15)
12
(16)
26
(2)
3, 19
(7, 23)
1
(5)
0.1
µF
3V TO 5.5V
6, 16
(10, 20)
4
(8)
25
(1)
5
(9)
18
(22)
17
(21)
15
(19)
20
(24)
14
(18)
13
(17)
HPOUTL
HPOUTR
MAX9750
0.1
µF
0.1
µF
4.5V TO 5.5V
GAIN/
VOLUME
CONTROL
BTL
AMPLIFIER
RIGHT-CHANNEL
AUDIO INPUT
OUTR+
OUTR-
CHARGE
PUMP
GAIN/
VOLUME
CONTROL
HEADPHONE
DETECTION
BEEP
DETECTION
SHUTDOWN
CONTROL
GAIN/
VOLUME
CONTROL
BTL
AMPLIFIER
LEFT-CHANNEL
AUDIO INPUT
OUTL+
PVDD
4.5V TO 5.5V
VDD
OUTL-
VDD
VDD
VDD
SHDN
47k
Ω
( ) TSSOP PIN.
Block Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com