Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 15Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 16Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 17Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 18Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 19Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 20Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 21Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
18
______________________________________________________________________________________
Headphone Amplifier
In conventional single-supply headphone amplifiers,
the output-coupling capacitor is a major contributor of
audible clicks and pops. Upon startup, the amplifier
charges the coupling capacitor to its bias voltage, typi-
cally half the supply. Likewise, during shutdown, the
capacitor is discharged to GND. A DC shift across the
capacitor results, which in turn appears as an audible
transient at the speaker. Since the MAX9750/MAX9751/
MAX9755 do not require output-coupling capacitors, no
audible transient occurs.
Additionally, the MAX9750/MAX9751/MAX9755 features
extensive click-and-pop suppression that eliminates
any audible transient sources internal to the device.
The Power-Up/Down Waveform in the Typical
Operating Characteristics shows that there are minimal
spectral components in the audible range at the output
upon startup and shutdown.
Figure 7a. Volume Control Transfer Function
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9750A
VOLUME CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
Figure 7b. Volume Control Transfer Function
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9750B
VOLUME CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
Figure 7c. Volume Control Transfer Function
-80
-60
-70
-40
-50
-20
-30
-10
10
0
20
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAX9750C
VOLUME CONTROL TRANSFER FUNCTION
VVOL (V)
AUDIO
TAPER
GAIN1 = GAIN2 = 0
SPEAKER MODE
HEADPHONE MODE
MAX9750
RS3
47k
Ω
BEEP
0.47
µF
SOURCE 3
RS2
47k
Ω
0.47
µF
SOURCE 2
RS1
47k
Ω
0.47
µF
SOURCE 1
RINT
47k
Ω
BIAS
WINDOW
DETECTOR
(0.3VP-P THRESHOLD)
FREQUENCY
DETECTOR
(300Hz THRESHOLD)
SPEAKER/HEADPHONE
AMPLIFER INPUTS
VOUT(BEEP)
Figure 8. Beep Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com