Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9750CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = HPVDD = 5V, GND = PGND = CPGND = 0V, SHDN = VDD, CBIAS = 1µF, C1 = C2 = 1µF, speaker load ter-
minated between OUT_+ and OUT_-, headphone load terminated between HPOUT_ and GND, MAX9750: GAIN1 = GAIN2 = VOL =
RL = 33k
Ω = GND, MAX9751/MAX9755: GAIN = VDD = IN1/2 = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9750A/
MAX9750B/
MAX9751/
MAX9755
1.4
RL = 8
Ω
MAX9750C
0.65
0.8
MAX9750A/
MAX9750B/
MAX9751/
MAX9755
2.3
RL = 4
Ω
MAX9750C
1.2
1.5
MAX9750A/
MAX9750B/
MAX9751/
MAX9755
2.6
Output Power
POUT
THD+N = 1%,
f = 1kHz, TA =
+25
°C
RL = 3
Ω
MAX9750C
2.2
W
RL = 8
Ω, POUT = 500mW, f = 1kHz
0.01
Total Harmonic Distortion Plus
Noise
THD+N
RL = 4
Ω, POUT = 1W, f = 1kHz
0.02
%
Signal-to-Noise Ratio
SNR
RL = 8
Ω, POUT = 1W, BW = 22Hz to 22kHz
90
dB
Noise
Vn
BW = 22Hz to 22kHz, A-weighted
80
µVRMS
Capacitive-Load Drive
CL
No sustained oscillations
200
pF
L to R, R to L, f = 10kHz
75
Crosstalk
Any unselected input to any active input,
f = 10kHz (MAX9751)
60
dB
Slew Rate
SR
1.4
V/µs
GAIN1 = 0, GAIN2 = 0
9
GAIN1 = 1, GAIN2 = 0
10.5
GAIN1 = 0, GAIN2 = 1
12
MAX9750A
GAIN1 = 1, GAIN2 = 1
13.5
GAIN1 = 0, GAIN2 = 0
15
GAIN1 = 1, GAIN2 = 0
16.5
GAIN1 = 0, GAIN2 = 1
18
MAX9750B
GAIN1 = 1, GAIN2 = 1
19.5
GAIN1 = 0, GAIN2 = 0
6
GAIN1 = 1, GAIN2 = 0
7.5
GAIN1 = 0, GAIN2 = 1
9
Gain (Maximum Volume Setting)
AVMAX(SPKR)
MAX9750C
GAIN1 = 1, GAIN2 = 1
10.5
dB
GAIN = 1
9
Gain (MAX9751/MAX9755)
AV
GAIN = 0
10.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com