Electronic Components Datasheet Search
  English  ▼

X  

MAX9750CEUI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 17Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 18Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 19Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 20Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 21Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 22Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 23Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 24Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
______________________________________________________________________________________
21
Output Capacitor (C2)
The output capacitor value and ESR directly affect the
ripple at CPVSS. Increasing the value of C2 reduces
output ripple. Likewise, decreasing the ESR of C2
reduces both ripple and output resistance. Lower
capacitance values can be used in systems with low
maximum output power levels. See the Output Power
vs. Charge-Pump Capacitance and Load Resistance
graph in the Typical Operating Characteristics.
CPVDD Bypass Capacitor
The CPVDD bypass capacitor (C3) lowers the output
impedance of the power supply and reduces the
impact of the MAX9750/MAX9751/MAX9755’s charge-
pump switching transients. Bypass CPVDD with C3, the
same value as C1, and place it physically close to
CPVDD and PGND (refer to the MAX9750 Evaluation Kit
for a suggested layout).
Powering Other Circuits from a
Negative Supply
An additional benefit of the MAX9750/MAX9751/
MAX9755 is the internally generated negative supply
voltage (CPVSS). CPVSS is used by the MAX9750/
MAX9751/MAX9755 to provide the negative supply for
the headphone amplifiers. It can also be used to power
other devices within a design. Current draw from
CPVSS should be limited to 5mA, exceeding this affects
the operation of the headphone amplifier. A typical
application is a negative supply to adjust the contrast
of LCD modules.
When considering the use of CPVSS in this manner,
note that the charge-pump voltage of CPVSS is roughly
proportional to CPVDD and is not a regulated voltage.
The charge-pump output impedance plot appears in
the Typical Operating Characteristics.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Use large traces for the power-supply
inputs and amplifier outputs to minimize losses due to
parasitic trace resistance, as well as route head away
from the device. Good grounding improves audio per-
formance, minimizes crosstalk between channels, and
prevents any switching noise from coupling into the
audio signal. Connect CPGND, PGND and GND
together at a single point on the PC board. Route
CPGND and all traces that carry switching transients
away from GND, PGND, and the traces and compo-
nents in the audio signal path.
Connect all components associated with the charge
pump (C2 and C3) to the CPGND plane. Connect VSS
and CPVSS together at the device. Place the charge-
pump capacitors (C1, C2, and C3) as close to the
device as possible. Bypass HPVDD and PVDD with a
0.1µF capacitor to GND. Place the bypass capacitors
as close to the device as possible.
Use large, low-resistance output traces. As load imped-
ance decreases, the current drawn from the device out-
puts increase. At higher current, the resistance of the
output traces decrease the power delivered to the load.
For example, when compared to a 0
Ω trace, a 100mΩ
trace reduces the power delivered to a 4
Ω load from
2.1W to 2W. Large output, supply, and GND traces also
improve the power dissipation of the device.
The MAX9750/MAX9751/MAX9755 thin QFN and
TSSOP-EP packages feature exposed thermal pads on
their undersides. This pad lowers the package’s ther-
mal resistance by providing a direct heat conduction
path from the die to the printed circuit board. Connect
the exposed thermal pad to GND by using a large pad
and multiple vias to the GND plane.
MAX9750
INR
INL
1
µF
1
µF
22nF
OUTL+
OUTL-
OUTR+
OUTR-
OUT-
OUT+
22
µF
22
µF
10nF
20k
Ω
20k
Ω
IN
10k
Ω
10k
Ω
MAX9711
Figure 11. Stereo Plus Subwoofer Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com