Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 9Page - Texas Instruments LM2576 Datasheet HTML 10Page - Texas Instruments LM2576 Datasheet HTML 11Page - Texas Instruments LM2576 Datasheet HTML 12Page - Texas Instruments LM2576 Datasheet HTML 13Page - Texas Instruments LM2576 Datasheet HTML 14Page - Texas Instruments LM2576 Datasheet HTML 15Page - Texas Instruments LM2576 Datasheet HTML 16Page - Texas Instruments LM2576 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
R1
20 k
20 k
R2
10 k
Q1
+
CIN
+VIN
LM2576-XX
GND
3
+VIN
1
5
ON/OFF
Z1
Complete circuit not shown.
Figure 7-1. Undervoltage Lockout for Buck Circuit
R1
20 k
20 k
R2
10 k
Q1
+
CIN
+VIN
LM2576-XX
3
+VIN
1
5
ON/OFF
Z1
-VOUT
GND
Complete circuit not shown (see Figure 8-1).
Figure 7-2. Undervoltage Lockout for Buck-Boost Circuit
7.3.2 Delayed Start-Up
The ON /OFF pin can be used to provide a delayed start-up feature as shown in Figure 7-3. With an input
voltage of 20 V and for the part values shown, the circuit provides approximately 10 ms of delay time before the
circuit begins switching. Increasing the RC time constant can provide longer delay times. But excessively large
RC time constants can cause problems with input voltages that are high in 60-Hz or 120-Hz ripple, by coupling
the ripple into the ON /OFF pin.
7.3.3 Adjustable Output, Low-Ripple Power Supply
Figure 7-4 shows a 3-A power supply that features an adjustable output voltage. An additional LC filter that
reduces the output ripple by a factor of 10 or more is included in this circuit.
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com