Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 15Page - Texas Instruments LM2576 Datasheet HTML 16Page - Texas Instruments LM2576 Datasheet HTML 17Page - Texas Instruments LM2576 Datasheet HTML 18Page - Texas Instruments LM2576 Datasheet HTML 19Page - Texas Instruments LM2576 Datasheet HTML 20Page - Texas Instruments LM2576 Datasheet HTML 21Page - Texas Instruments LM2576 Datasheet HTML 22Page - Texas Instruments LM2576 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
8.2 Typical Applications
8.2.1 Fixed Output Voltage Version
LM2576HV-
Fixed Output
100 …F
COUT
1000 µF
L
O
A
D
+
L1
100 µH
+
CIN
VIN
UNREGULATED
DC INPUT
+VIN
1
GND
3
ON/OFF
5
2
D1
MBR360
VOUT
Feedback
Output
4
CIN — 100-μF, 75-V, Aluminum Electrolytic COUT — 1000-μF, 25-V, Aluminum Electrolytic D1 — Schottky, MBR360 L1 — 100 μH, Pulse
Eng. PE-92108 R1 — 2 k, 0.1% R2 — 6.12 k, 0.1%
Figure 8-3. Fixed Output Voltage Versions
8.2.1.1 Design Requirements
Table 8-1 lists the design parameters of this example.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Regulated Output Voltage
(3.3 V, 5 V, 12 V, or 15 V), VOUT
5 V
Maximum Input Voltage, VIN(Max)
15 V
Maximum Load Current,
ILOAD(Max)
3 A
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Custom Design with WEBENCH® Tools
Click here to create a custom design using the WEBENCH Power Designer.
1. Start by entering your VIN, VOUT and IOUT requirements.
2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and
compare this design with other possible solutions from Texas Instruments.
3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real
time pricing and component availability.
4. In most cases, you will also be able to:
• Run electrical simulations to see important waveforms and circuit performance,
• Run thermal simulations to understand the thermal performance of your board,
• Export your customized schematic and layout into popular CAD formats,
• Print PDF reports for the design, and share your design with colleagues.
8.2.1.2.2 Inductor Selection (L1)
1. Select the correct Inductor value selection guide from Figure 8-4, Figure 8-5, Figure 8-6, or Figure 8-7.
(Output voltages of 3.3 V, 5 V, 12 V or 15 V respectively). For other output voltages, see the design
procedure for the adjustable version. Use the selection guide shown in Figure 8-5.
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com