Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 25Page - Texas Instruments LM2576 Datasheet HTML 26Page - Texas Instruments LM2576 Datasheet HTML 27Page - Texas Instruments LM2576 Datasheet HTML 28Page - Texas Instruments LM2576 Datasheet HTML 29Page - Texas Instruments LM2576 Datasheet HTML 30Page - Texas Instruments LM2576 Datasheet HTML 31Page - Texas Instruments LM2576 Datasheet HTML 32Page - Texas Instruments LM2576 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
CONTINUOUS/
DISCONTINUOUS
MODE OPERATION
Relates to the inductor current. In the continuous mode, the inductor current is always
flowing and never drops to zero, vs. the discontinuous mode, where the inductor
current drops to zero for a period of time in the normal switching cycle.
INDUCTOR
SATURATION
The condition which exists when an inductor cannot hold any more magnetic flux.
When an inductor saturates, the inductor appears less inductive and the resistive
component dominates. Inductor current is then limited only by the DC resistance of the
wire and the available source current.
OPERATING VOLT
MICROSECOND
CONSTANT (E•Top)
The product (in VoIt•μs) of the voltage applied to the inductor and the time the voltage
is applied. This E•Top constant is a measure of the energy handling capability of an
inductor and is dependent upon the type of core, the core area, the number of turns,
and the duty cycle.
9.1.2 Development Support
9.1.2.1 Custom Design with WEBENCH® Tools
Click here to create a custom design using the WEBENCH Power Designer.
1. Start by entering your VIN, VOUT and IOUT requirements.
2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and
compare this design with other possible solutions from Texas Instruments.
3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real
time pricing and component availability.
4. In most cases, you will also be able to:
• Run electrical simulations to see important waveforms and circuit performance,
• Run thermal simulations to understand the thermal performance of your board,
• Export your customized schematic and layout into popular CAD formats,
• Print PDF reports for the design, and share your design with colleagues.
9.2 Documentation Support
9.2.1 Related Documentation
For related documentation, see the following:
AN-1229 SIMPLE SWITCHER® PCB Layout Guidelines application report
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
9.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
SIMPLE SWITCHER® and WEBENCH® are registered trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com