Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 13Page - Texas Instruments LM2576 Datasheet HTML 14Page - Texas Instruments LM2576 Datasheet HTML 15Page - Texas Instruments LM2576 Datasheet HTML 16Page - Texas Instruments LM2576 Datasheet HTML 17Page - Texas Instruments LM2576 Datasheet HTML 18Page - Texas Instruments LM2576 Datasheet HTML 19Page - Texas Instruments LM2576 Datasheet HTML 20Page - Texas Instruments LM2576 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
diodes (for example, 1N4001 or 1N5400, and so on) are also not suitable. See Table 8-3 for Schottky and soft
fast-recovery diode selection guide.
8.1.6 Output Voltage Ripple and Transients
The output voltage of a switching power supply contains a sawtooth ripple voltage at the switcher frequency,
typically about 1% of the output voltage, and can also contain short voltage spikes at the peaks of the sawtooth
waveform.
The output ripple voltage is due mainly to the inductor sawtooth ripple current multiplied by the ESR of the output
capacitor (see Section 8.1.2).
The voltage spikes are present because of the fast switching action of the output switch, and the parasitic
inductance of the output filter capacitor. To minimize these voltage spikes, special low inductance capacitors can
be used, and their lead lengths must be kept short. Wiring inductance, stray capacitance, as well as the scope
probe used to evaluate these transients, all contribute to the amplitude of these spikes.
An additional small LC filter (20 μH and 100 μF) can be added to the output (as shown in Figure 7-4) to further
reduce the amount of output ripple and transients. A 10 × reduction in output ripple voltage and transients is
possible with this filter.
8.1.7 Feedback Connection
The LM2576 (fixed voltage versions) feedback pin must be wired to the output voltage point of the switching
power supply. When using the adjustable version, physically locate both output voltage programming resistors
near the LM2576 to avoid picking up unwanted noise. Avoid using resistors greater than 100 kΩ because of the
increased chance of noise pickup.
8.1.8 ON /OFF INPUT
For normal operation, the ON /OFF pin must be grounded or driven with a low-level TTL voltage (typically
below 1.6 V). To put the regulator into standby mode, drive this pin with a high-level TTL or CMOS signal. The
ON /OFF pin can be safely pulled up to +VIN without a resistor in series with it. The ON /OFF pin must not be left
open.
8.1.9 Inverting Regulator
Figure 8-1 shows a LM2576-12 in a buck-boost configuration to generate a negative 12-V output from a positive
input voltage. This circuit bootstraps the ground pin of the regulator to the negative output voltage, then by
grounding the feedback pin, the regulator senses the inverted output voltage and regulates it to −12 V.
For an input voltage of 12 V or more, the maximum available output current in this configuration is approximately
700 mA. At lighter loads, the minimum input voltage required drops to approximately 4.7 V.
The switch currents in this buck-boost configuration are higher than in the standard buck-mode design, thus
lowering the available output current. Also, the start-up input current of the buck-boost converter is higher than
the standard buck-mode regulator, and this can overload an input power source with a current limit less than
5 A. Using a delayed turn-on or an undervoltage lockout circuit (described in Section 8.1.10) can allow the input
voltage to rise to a high enough level before the switcher can be allowed to turn on.
Because of the structural differences between the buck and the buck-boost regulator topologies, the buck
regulator design procedure section can not be used to select the inductor or the output capacitor. The
recommended range of inductor values for the buck-boost design is between 68 μH and 220 μH, and the
output capacitor values must be larger than what is normally required for buck designs. Low input voltages or
high output currents require a large value output capacitor (in the thousands of micro Farads).
The peak inductor current, which is the same as the peak switch current, can be calculated in Equation 6:
Ip≈ ILOADVIN+VOUT
VIN + VINVOUT
VIN+VOUT 12L1fOSC
(6)
where fosc = 52 kHz
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com