Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 16Page - Texas Instruments LM2576 Datasheet HTML 17Page - Texas Instruments LM2576 Datasheet HTML 18Page - Texas Instruments LM2576 Datasheet HTML 19Page - Texas Instruments LM2576 Datasheet HTML 20Page - Texas Instruments LM2576 Datasheet HTML 21Page - Texas Instruments LM2576 Datasheet HTML 22Page - Texas Instruments LM2576 Datasheet HTML 23Page - Texas Instruments LM2576 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
2. From the inductor value selection guide, identify the inductance region intersected by VIN(Max) and
ILOAD(Max), and note the inductor code for that region. From the selection guide, the inductance area
intersected by the 15-V line and 3-A line is L100.
3. Identify the inductor value from the inductor code, and select an appropriate inductor from the table shown
in Figure 8-4. Part numbers are listed for three inductor manufacturers. The inductor chosen must be rated
for operation at the LM2576 switching frequency (52 kHz) and for a current rating of 1.15 × ILOAD. For
additional inductor information, see Section 8.1.2. Inductor value required is 100 μH from the table in Figure
8-4. Choose AIE 415-0930, Pulse Engineering PE92108, or Renco RL2444.
8.2.1.2.3 Output Capacitor Selection (COUT)
1. The value of the output capacitor together with the inductor defines the dominate pole-pair of the switching
regulator loop. For stable operation and an acceptable output ripple voltage, (approximately 1% of the output
voltage) TI recommends a value between 100 μF and 470 μF. We choose COUT = 680-μF to 2000-μF
standard aluminum electrolytic.
2. The voltage rating of the capacitor must be at least 1.5 times greater than the output voltage. For a 5-V
regulator, a rating of at least 8 V is appropriate, and TI recommends a 10-V or 15-V rating. Capacitor voltage
rating = 20 V. Higher voltage electrolytic capacitors generally have lower ESR numbers, and for this reason it
can be necessary to select a capacitor rated for a higher voltage than can normally be needed.
8.2.1.2.4 Catch Diode Selection (D1)
1. The catch-diode current rating must be at least 1.2 times greater than the maximum load current. Also, if the
power supply design must withstand a continuous output short, the diode must have a current rating equal
to the maximum current limit of the LM2576. The most stressful condition for this diode is an overload or
shorted output condition. For this example, a 3-A current rating is adequate.
2. The reverse voltage rating of the diode must be at least 1.25 times the maximum input voltage. Use a 20-V
1N5823 or SR302 Schottky diode, or any of the suggested fast-recovery diodes shown in Table 8-3.
8.2.1.2.5 Input Capacitor (CIN)
An aluminum or tantalum electrolytic bypass capacitor located close to the regulator is needed for stable
operation. A 100-μF, 25-V aluminum electrolytic capacitor located near the input and ground pins provides
sufficient bypassing.
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com