Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 19Page - Texas Instruments LM2576 Datasheet HTML 20Page - Texas Instruments LM2576 Datasheet HTML 21Page - Texas Instruments LM2576 Datasheet HTML 22Page - Texas Instruments LM2576 Datasheet HTML 23Page - Texas Instruments LM2576 Datasheet HTML 24Page - Texas Instruments LM2576 Datasheet HTML 25Page - Texas Instruments LM2576 Datasheet HTML 26Page - Texas Instruments LM2576 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
10
1000
E
T
25
10
115 V
V
25
52
u
u
u
u
(10)
2. Use the E • T value from the previous formula and match it with the E • T number on the vertical axis of the
Inductor value selection guide shown in Figure 8-8.
E • T = 115 V • μs
3. On the horizontal axis, select the maximum load current.
ILOAD(Max) = 3 A
4. Identify the inductance region intersected by the E • T value and the maximum load current value, and note
the inductor code for that region.
Inductance Region = H150
5. Identify the inductor value from the inductor code, and select an appropriate inductor from the table shown in
Table 8-4. Part numbers are listed for three inductor manufacturers. The inductor chosen must be rated for
operation at the LM2576 switching frequency (52 kHz) and for a current rating of 1.15 × ILOAD. For additional
inductor information, see Section 8.1.2.
Inductor Value = 150 μH
Choose from AIE part #415-0936, Pulse Engineering part #PE-531115, or Renco part #RL2445.
8.2.2.2.3 Output Capacitor Selection (COUT)
1. The value of the output capacitor together with the inductor defines the dominate pole-pair of the switching
regulator loop. For stable operation, the capacitor must satisfy Equation 11:
IN Max
OUT
OUT
V
C
13,300
)
V
L
+
t
u
Equation 11 yields capacitor values between 10 μF and 2200 μF that satisfies the loop requirements for
stable operation. But to achieve an acceptable output ripple voltage, (approximately 1% of the output
voltage) and transient response, the output capacitor can need to be several times larger than Equation 11
yields.
25
COUT
13,300
22.2 )
10
150
t
u
However, for acceptable output ripple voltage select
COUT ≥ 680 μF
COUT = 680-μF electrolytic capacitor
2. The capacitor voltage rating must be at last 1.5 times greater than the output voltage. For a 10-V regulator,
TI recommends a rating of at least 15 V or more. Higher voltage electrolytic capacitors generally have lower
ESR numbers, and for this reason it can be necessary to select a capacitor rate for a higher voltage than can
normally be needed.
8.2.2.2.4 Catch Diode Selection (D1)
1. The catch-diode current rating must be at least 1.2 times greater than the maximum load current. Also, if the
power supply design must withstand a continuous output short, the diode must have a current rating equal
to the maximum current limit of the LM2576. The most stressful condition for this diode is an overload or
shorted output. See Table 8-3. For this example, a 3.3-A current rating is adequate.
2. The reverse voltage rating of the diode must be at least 1.25 times the maximum input voltage. Use a 30-V
31DQ03 Schottky diode, or any of the suggested fast-recovery diodes in Table 8-3.
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com