Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2576 Datasheet(HTML) 3 Page - Texas Instruments

  LM2576 Datasheet HTML 1Page - Texas Instruments LM2576 Datasheet HTML 2Page - Texas Instruments LM2576 Datasheet HTML 3Page - Texas Instruments LM2576 Datasheet HTML 4Page - Texas Instruments LM2576 Datasheet HTML 5Page - Texas Instruments LM2576 Datasheet HTML 6Page - Texas Instruments LM2576 Datasheet HTML 7Page - Texas Instruments LM2576 Datasheet HTML 8Page - Texas Instruments LM2576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
5 Pin Configuration and Functions
Figure 5-1. KC Package 5-Pin TO-220 Top View
Figure 5-2. KTT Package 5-PIN DDPAK/TO-263 Top
View
Figure 5-3. DDPAK/TO-263 (S) Package 5-Lead
Surface-Mount Package Top View
Table 5-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
VIN
I
Supply input pin to collector pin of high-side transistor. Connect to power supply and input
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and GND must be as
short as possible.
2
OUTPUT
O
Emitter pin of the power transistor. This is a switching node. Attached this pin to an inductor
and the cathode of the external diode.
3
GROUND
—
Ground pin. Path to CIN must be as short as possible.
4
FEEDBACK
I
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT for ADJ
version or connect this pin directly to the output capacitor for a fixed output version.
5
ON/OFF
I
Enable input to the voltage regulator. High = OFF and low = ON. Connect to GND to enable
the voltage regulator. Do not leave this pin float.
—
TAB
—
Connected to GND. Attached to heatsink for thermal relief for TO-220 package or put a
copper plane connected to this pin as a thermal relief for DDPAK package.
(1)
I = INPUT, O = OUTPUT
www.ti.com
LM2576, LM2576HV
SNVS107G – JUNE 1999 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com