Electronic Components Datasheet Search
  English  ▼

X  

NORAB100 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # NORAB100
Description  Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NORAB100 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button NORAB100 Datasheet HTML 22Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 23Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 24Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 25Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 26Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 27Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 28Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 29Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
NORA-B1 series - Data sheet
UBX-20027119 - R10
Electrical specifications
Page 26 of 46
C1 – Public
4 Electrical specifications
⚠ Stressing the device above one or more of the absolute maximum ratings can cause permanent
damage. These are stress ratings only. Operating the module at these or at any conditions other
than those specified in the recommended operating conditions should be avoided. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
☞ All given application information is only advisory and does not form part of the specification.
4.1 Absolute maximum ratings
Signal
Description
Condition
Min
Max
Unit
VDD
NORA-B10
Module supply voltage
Input DC voltage at VDD pin
–0.3
+3.9
V
VDD
NORA-B12
Module supply voltage
Input DC voltage at VDD pin
–0.3
+3.6
V
VDDH
NORA-B10
Module supply high voltage
Input DC voltage at VDDH pin
–0.3
+5.8
V
VDDH
NORA-B12
Module supply high voltage
Internally connected to VDD pin
–0.3
+3.6
V
VBUS
USB supply input
Input DC voltage at VDDH pin
–0.3
+5.8
V
VSS
0
V
VI/O
Digital pin voltage
Input DC voltage at any digital I/O pin, VDD ≤ 3.6 V
–0.3
VDD + 0.3
V
Input DC voltage at any digital I/O pin, VDD > 3.6 V
–0.3
+3.9
V
P_ANT
Maximum power at receiver Input RF power at antenna pin
+10
dBm
Table 9: Absolute maximum ratings
⚠ The product is not protectedagainst overvoltage or reversedvoltages. Use appropriate protection
devices to ensure that voltage spikes exceeding the power supply voltage specifications in Table
9
are kept within the specified limits.
4.1.1 Maximum ESD ratings
Parameter
Min Typ Max Unit Remarks
ESD sensitivity for all pins except
ANT pin
2
kV
Human body model class 3A according to JEDEC JS001
500
V
Charged device model according to JESD22-C101
Table 10: Maximum ESD ratings
⚠ NORA-B1 series modules are Electrostatic Sensitive Devices andrequire special precautions while
handling. For ESD handling instructions, see also ESD precautions.
4.1.2 Flash memory endurance
Parameter
Value
Unit
Endurance
10,000
Write/erase cycles
Retention
10
Years at 40 °C
Table 11: Flash memory endurance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com