Electronic Components Datasheet Search
  English  ▼

X  

NORAB100 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # NORAB100
Description  Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NORAB100 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button NORAB100 Datasheet HTML 28Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 29Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 30Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 31Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 32Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 33Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 34Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 35Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
NORA-B1 series - Data sheet
UBX-20027119 - R10
Electrical specifications
Page 32 of 46
C1 – Public
Receiving antenna orientation
Horizontal
Vertical
Combined
Figure 9: NORA-B126 2D plane radiation patterns
4.2.6 RESET_N pin
Pin name
Parameter
Min
Typ
Max
Unit
Remarks
RESET_N
Low-level input
0
0.3*VDD
V
Internal pull-up resistance
13
kΩ
Minimum RESET duration
1
μ
s
Minimum applied low pulse
RESET duration
13
40
ms
Time taken to release a pin reset with
500 nF capacitance at reset pin
Table 18: RESET_N pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com