Electronic Components Datasheet Search
  English  ▼

X  

NORAB100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NORAB100
Description  Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NORAB100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NORAB100 Datasheet HTML 2Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 3Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 4Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 5Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 6Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 7Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 8Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 9Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
NORA-B1 series - Data sheet
UBX-20027119 - R10
Functional description
Page 6 of 46
C1 – Public
1 Functional description
1.1 Overview
Based on the Nordic Semiconductor nRF5340 Bluetooth 5 system on chip (SoC), the NORA-B1 series
of small stand-alone, dual-core modules includes Arm® Cortex®-M33 application and network
processors. The application processor provides a floating-point unit (FPU), digital signal processor
(DSP) instruction set, and CryptoCell™-312 security architecture while the network processor
operates the radio.
NORA-B1 modules support multiple peripherals over high-speed SPI, QSPI, USB, ADC and PWM
interfaces, and include a 2.4 GHz radio capable of handling Bluetooth Low Energy (LE), 802.15.4 for
Thread, Zigbee, and Nordic Semiconductor proprietary protocols. The modules operate in ambient
temperatures of up to 105 °C.
Direction finding (AoA/AoD) and Bluetooth LE Audio features are all supported by the hardware. The
modules support multiple power supply configurations and offer multiple antenna choices, including
U.FL connector, antenna pin, and on-board PCB trace antenna options.
For more information about the antennas that are approved for use with NORA-B1 series, see also the
system integration manual [1].
1.2 Applications
NORA-B1 series modules provide scalable solutions for a broad range of market segments, including
smart cities and buildings, industrial automation, telematics, medical and healthcare.
Specific application areas include:
• Industrial automation
• Advanced wearables
• Smart buildings and cities
• Low power sensors
• Wireless-connected and configurable equipment
• Point-of-sale
• Medical and health devices
• Real-time Location, RTLS
• Indoor positioning
• Asset tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com