Electronic Components Datasheet Search
  English  ▼

X  

NORAB100 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NORAB100
Description  Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NORAB100 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NORAB100 Datasheet HTML 35Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 36Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 37Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 38Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 39Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 40Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 41Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 42Page - List of Unclassifed Manufacturers NORAB100 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
NORA-B1 series - Data sheet
UBX-20027119 - R10
Product handling
Page 39 of 46
C1 – Public
Figure 15 shows the tape and pocket dimensions.
Figure 15: Tape and pocket dimensions
7.2 Moisture sensitivity levels
NORA-B1 series modules are classified as Moisture Sensitive Devices (MSD) in accordance with the
IPC/JEDEC specification.
The Moisture Sensitivity Level (MSL) relates to the required packaging and handling precautions.
⚠ NORA-B10 series modules are rated at MSL level 3 in accordance with the IPC/JEDEC J-STD-020
standard. For detailed information, see the moisture sensitive warning label on the MBB (Moisture
Barrier Bag).
After opening the dry pack, the modules must be mounted within 168 hours in factory conditions of
maximum 30 °C/60%RH or must be stored at less than 10%RH. The modules require baking if the
humidity indicator card shows more than 10% when read at 23±5 °C or if the conditions mentioned
above are not met. For information about the bake procedure, see also the J-STD-033B standard.
⚠ NORA-B12 series modules are rated at MSL level 4 in accordance with the IPC/JEDEC J-STD-020
standard. For detailed information, see the moisture sensitive warning label on the MBB (Moisture
Barrier Bag).
After opening the dry pack, the modules must be mounted within 72 hours in factory conditions of
maximum 30 °C/60%RH or must be stored at less than 10%RH. The modules require baking if the
humidity indicator card shows more than 10% when read at 23±5 °C or if the conditions mentioned
above are not met. For information about the bake procedure, see also the J-STD-033B standard.
For more information regarding moisture sensitivity levels, labeling and storage, see the Packaging
information reference guide [2]
.
☞ For MSL standards, see also IPC/JEDEC J-STD-020 and IPC/JEDED J-STD-033B. The standards
can be downloaded from the JEDEC website [11].
7.3 Reflow soldering
Reflow profiles are selected according to u-blox recommendations. See the NORA-B1 series system
integration manual [1] for more information.
⚠ Failure to follow these recommendations can result in severe damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com