Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 4 Page - Renesas Technology Corp

  89TSF552 Datasheet HTML 1Page - Renesas Technology Corp 89TSF552 Datasheet HTML 2Page - Renesas Technology Corp 89TSF552 Datasheet HTML 3Page - Renesas Technology Corp 89TSF552 Datasheet HTML 4Page - Renesas Technology Corp 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
Signal Name
I/O Type
Dir.
Freq.
Remarks
TCK (pin E19)
3.3V LVTTL
I
—
33K internal pullup
TDI (pin F19)
3.3V LVTTL
I
—
33K internal pullup
TDO (pin C18)
3.3V LVTTL
O
—
33K internal pullup
TMS (pin D19)
3.3V LVTTL
I
—
33K internal pullup
TRST_N (pin C19)
3.3V LVTTL
I
—
33K internal pullup
Table 4 89TSF552 Test and Debugging Pins
Signal Name
I/O Type
Dir.
Freq.
Remarks
ZTICK (pin AU12)
3.3V LVTTL
I
—
External reference ZTick input to which the internal ZTick logic
will synchronize.
If ZTICK_MODE is 0, ZTICK can be left open
.
ZTICK_MODE (pin AP16)
3.3V LVTTL
I
—
External ZTick select. (Enable external ZTick sync.)
1 = internal ZTick to be synchronized to ext. reference ZTick
0 = internal ZTick is async to any ext. ZTick.
Pin(s) must be stable at least 16 ns before the deassertion of
the RESET_N input. Any change in pin(s) after 16 ns before
the deassertion of the RESET_N input must be concurrent
with, or followed by, an assertion of the RESET_N input.
Table 5 89TSF552 ZTick Management Pins
Signal Name
I/O Type
Dir.
Freq.
Remarks
CRX_REFCLK (pin AH1)
3.3V LVTTL
I
75-125MHz CSIX Rx reference clock. This reference clock controls the bit
rate on the CRX control bus outputs.
PLL_CRX_RST (pin AH5)
3.3V LVTTL
I
—
PLL_CRX_LCK (pin AH6)
3.3V LVTTL
O
—
PLL_CRX_VDD (pin AD9)
1.8V AVDD
P
—
Digital power (1.8V)
PLL_CRX_VDDA (pin AC9)
3.3V AVDD
P
—
Analog power (3.3V)
PLL_CRX_VSS (pin AD10)
VSS
P
—
Digital ground
PLL_CRX_VSSA (pin AC10)
AVSS
P
—
Analog ground
CTX_REFCLK (pin F1)
3.3V LVTTL
I
75-125MHz CSIX Tx reference clock. This reference clock controls the bit
rate on the CTX data bus outputs.
PLL_CTX_RST (pin G3)
3.3V LVTTL
I
—
PLL_CTX_LCK (pin G4)
3.3V LVTTL
O
—
PLL_CTX_VDD (pin U9)
1.8V AVDD
P
—
Digital power (1.8V)
PLL_CTX_VDDA (pin T9)
3.3V AVDD
P
—
Analog power (3.3V)
PLL_CTX_VSS (pin U10)
VSS
P
—
Digital ground
PLL_CTX_VSSA (pin T10)
AVSS
P
—
Analog ground
Table 6 89TSF552 CSIX PLL Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com