Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 2Page - Renesas Technology Corp 89TSF552 Datasheet HTML 3Page - Renesas Technology Corp 89TSF552 Datasheet HTML 4Page - Renesas Technology Corp 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp 89TSF552 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
89TSF552 Electrical and Timing Characteristics
Some data are TBD and will be published as they become available.
The specifications are subject to change without notice.
89TSF552 Absolute Maximum Ratings
The absolute maximum ratings are the maximum conditions that the device can withstand without sustaining permanent damage. Exceeding any
of these conditions could result in permanent damage to the device. Normal operation should not be expected at these conditions. In addition, expo-
sure to absolute maximum rated conditions (or near absolute maximum rated conditions) for extended periods may affect device reliability.
Operation of the device is not guaranteed at the absolute maximum ratings, but rather at the operating conditions outlined in “89TSF552 DC Char-
acteristics” on page 8 and “89TSF552 AC Characteristics” on page 9.
Signal Name
I/O Type Dir.
Freq.
Remarks
RESET_N (pin AR12)
3.3V LVTTL
I
—
Resets the entire chip. Must be asserted for at least 16
125MHz clock cycles after the PLL power-up initialization
sequence is complete. Both assertion and deassertion are
asynchronous to all clocks.
CHN_DET_MODE (pin
AP21)
3.3V LVTTL
I
—
Channel determination method 2 enable:
0
→ system of mixed family devices, ZSF200 and 89TSF5xx.
1
→ system has only 89TSF5xx devices.
SD8_MODE (pin AR22)
3.3V LVTTL
I
—
SerDes 8-link mode:
0
→ 24 SerDes links are enabled
1
→ 8 SerDes links are enabled (links 8 through 15 are
active)
TURBO_CLK (pin AW13)
3.3V LVTTL
I
87.5MHz
Turbo interface
TURBO_SOF (pin AV13)
3.3V LVTTL
I
TURBO_DAT[2:0]
(pins AU13, AV13, AT13)
3.3V LVTTL
I
VDD
VDD18
P
—
Core VDD, 1.8V
VDD_IO
VDD33
P
—
I/O VDD, 3.3V
VDDP33
VDDP33
P
—
VDDP for LVDS input buffers, 3.3V
VDD25
VDD25
P
—
VDDO for LVDS outputs, 2.5V
VDD12
VDD12
P
—
VREF for LVDS outputs, 1.25V
VSS
VSS
P
—
Ground
Table 8 89TSF552 Misc. Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com