Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp 89TSF552 Datasheet HTML 10Page - Renesas Technology Corp 89TSF552 Datasheet HTML 11Page - Renesas Technology Corp 89TSF552 Datasheet HTML 12Page - Renesas Technology Corp 89TSF552 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
89TSF552 AC Characteristics
Unless otherwise stated, the following parameters are provided given the conditions outlined in Table 10.
VIL33
Input low voltage for 3.3V I/O
–0.3
—
0.8
V
VIH33
Input high voltage for 3.3V I/O
2.0
—
VDDLVTTL33+0.5
V
VOL33
Output low voltage for 3.3V I/O
—
0.5
V
I = 12 mA for 12 mA
drivers and 16 mA for
16 mA drivers
VOH33
Output high voltage for 3.3V I/O
2.4
—
—
V
I = 12 mA for 12 mA
drivers and 16 mA for
16 mA drivers
1. 1.25V LVDS reference should be capable of sourcing and sinking this current.
Symbol
Parameter
Min
Typical Max
Units
Conditions
VI
Input voltage range, VIA or VIB
0
—
2400
mV
|VGPD| < 925 mV 1
1. VGPD is the ground potential difference between the transmitter and the receiver
VIDTH
Input differential threshold
–100
—
+100
mV
|VGPD| < 925 mV
VHYST
Input differential hysteresis
25
—
—
mV
RIN
Receiver differential input impedance
80
98
120
Ω
VOH
Output voltage high, VOA or VOB
—
—
1475
mV
RLOAD = 100 Ω ±1%
VOL
Output voltage low, VOA or VOB
925
—
mV
RLOAD = 100 Ω ±1%
|VOD|
Output differential voltage
250
—
400
mV
RLOAD = 100 Ω ±1%
VOS
Output offset voltage
1125
—
1275
mV
RLOAD = 100 Ω ±1%
|DVOD|
Change in |VOD| between ‘0’ and ‘1’
—
—
25
mV
RLOAD = 100 Ω ±1%
DVOS
Change in VOS between ‘0’ and ‘1’
—
—
25
mV
RLOAD = 100 Ω ±1%
ISA, ISB
Output current
—
—
40
mA
Driver shorted to ground
ISAB
Output current
—
—
12
mA
Drivers shorted together
Table 12 89TSF552 LVDS DC Parameters
Symbol
Parameter
Min
Typical Max
Units
fSYS
System clock frequency (125 MHz ±0.1 MHz)
124.9
125
125.1
MHz
TJSYS
Jitter requirements (peak to peak) for system clock. Peak to peak jitter require-
ments apply to entire range of allowed system clock frequencies.
—
—
100
ps
DSYS
Percentage duty cycle for system clock
45
50
55
%
TRSYSCI
System clock input rise time (10% to 90%)
—
—
TBD
ns
TFSYSCI
System clock input fall time (90% to 10%)
—
—
TBD
ns
Table 13 89TSF552 System Clock Timing
Symbol
Parameter
Min
Typical
Max
Units
Conditions
Table 11 89TSF552 DC Characteristics (except LVDS) (Part 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com