Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 14Page - Renesas Technology Corp 89TSF552 Datasheet HTML 15Page - Renesas Technology Corp 89TSF552 Datasheet HTML 16Page - Renesas Technology Corp 89TSF552 Datasheet HTML 17Page - Renesas Technology Corp 89TSF552 Datasheet HTML 18Page - Renesas Technology Corp 89TSF552 Datasheet HTML 19Page - Renesas Technology Corp 89TSF552 Datasheet HTML 20Page - Renesas Technology Corp 89TSF552 Datasheet HTML 21Page - Renesas Technology Corp 89TSF552 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
However, if appropriate current limiting techniques (e.g., series resistors) are employed and the 2.5V and 1.5V power supplies ramp down soon
after the 1.8V core power supply (within about 50 ms), the system designer can safely ignore this recommendation.
PLL Power-Up Initialization
PLL inputs into the 89TSF552, from an external device such as the ZBus bridge in IDT’s reference system, require a special initialization
sequence. Figure 9 shows the initialization sequence.
PLL initialization is necessary only at power-up. If the PLLs fail to lock, repeatedly assert PLL_RST until they do.
Note: The 89TSF552 must be reset after PLL initialization. Hold RESET_N low for at least 16 clocks (SYS_CLK) after PLL initialization
completes.
Figure 9 PLL Power-Up Initialization for the 89TSF552
Device Reset
It is possible to reset the entire 89TSF552 device except for the PLL. To reset the device without being required to re-initialize the PLL, assert the
RESET_N pin (low) for at least 16 clocks (SYS_CLK) and then deassert it.
Pin List I/O Description
The 89TSF552 Pin List on page 19 uses the following I/O notations:
I
Input
O
Output
B
Bidirectional
PPower
DNC
Do not connect
RPD
Reserved, pulldwn. Pin must be connected to VSS through a 300 - 1K
Ω resistor.
RPU
Reserved, pullup. Pin is connected to VDD_IO (3.3V) through a 1K - 10K
Ω resistor.
PLL_DIV_RST_N
1 µs min
TACQUIRE, 15 µs min
PLL_SYS_LCK
10 ns min
PLL_RST
Repeat if necessary until
lock is achieved.
RESET_N
TRESET, 16 clocks min
Power Supplies
Clock
clock present and stable
···



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com