Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 3Page - Renesas Technology Corp 89TSF552 Datasheet HTML 4Page - Renesas Technology Corp 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp 89TSF552 Datasheet HTML 10Page - Renesas Technology Corp 89TSF552 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
89TSF552 Operating Ranges
Symbol
Parameter
Min
Max
Units
Conditions
TJMAX
Junction temperature under bias
—
105
°C
TSTORAGE
Storage temperature
—
150
°C
Storage temperature range
–40
85
°C
Long term storage
TSOLDER
Soldering temperature
—
215
°C
TREWORK
Rework temperature
—
204
°C
TGP_SOLDER Soldering temperature for green package
—
245
°C
TGP_REWORK Rework temperature for green package
—
245
°C
VIO
I/O terminal voltage
–0.6
VDD+0.6
V
longer than 1 ns
–1.0
VDD+1.0
V
pulse
≤ 1ns
Table 9 89TSF552 Absolute Maximum Ratings
Symbol
Parameter
Min
Typical
Max
Units
Conditions
TJ
Operating junction temperature range
0
—
85
°C
VVDD
Core digital 1.8V power supply
1.71
1.8
1.89
V
±5%
VPLL_SYS_VDD
PLL digital 1.8V power supply
1.71
1.8
1.89
V
±5%
VPLL_SYS_VDDA
PLL analog 3.3V power supply
3.135
3.3
3.465
V
±5%
VPLL_CRX_VDDA
CRX PLL analog 3.3V power supply
3.135
3.3
3.465
V
±5%
VPLL_CTX_VDDA
CTX PLL analog 3.3V power supply
3.135
3.3
3.465
V
±5%
VVDD_IO
LVTTL 3.3V I/O power supply
3.135
3.3
3.465
V
±5%
VVDDP33
3.3V LVDS supply
3.135
3.3
3.465
V
±5%
VVDD25
2.5V LVDS supply
2.375
2.5
2.625
V
±5%
VVDD12
1.25V LVDS reference voltage
1.188
1.25
1.313
V
±5%
VVDD_SD
SerDes core 1.8V power supply
1.71
1.8
1.89
V
±5%
VVDD_SD_PLL
SerDes PLL 1.8V power supply
1.71
1.8
1.89
V
±5%
VVDD_TX
SerDes transmit 2.5V power supply
2.375
2.5
2.625
V
±5%
VVDD_REFCLK
SerDes reference clock 3.3V power supply
3.135
3.3
3.465
V
±5%
—
SerDes power supply voltage noise
(all power supplies)
—
—
TBD
mV
Peak-to-peak (50 kHz
to 100 MHz
Power Dissipation
—
15.23
18.40
W
Max. values use the
maximum voltages and
current listed in this
table and typical values
use the typical voltages
and current.
Table 10 89TSF552 Operating Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com