Electronic Components Datasheet Search
  English  ▼

X  

89TSF552 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 4Page - Renesas Technology Corp 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp 89TSF552 Datasheet HTML 10Page - Renesas Technology Corp 89TSF552 Datasheet HTML 11Page - Renesas Technology Corp 89TSF552 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
89TSF552 DC Characteristics
Unless otherwise stated, the following parameters are provided given the conditions outlined in Table 10.
Symbol
Parameter
Min
Typical
Max
Units
Conditions
IVDD
Input current for core digital 1.8V core
1.8V power supply
—
4139
4821
mA
IPLL_SYS_VDD
Input current for PLL digital 1.8V
power supply
—
1.79
2.11
mA
IPLL_SYS_VDDA
Input current for PLL analog 3.3V
power supply
—
0.62
0.71
mA
IPLL_CRX_VDDA
Input current for CRX PLL analog
3.3V power supply
—
0.62
0.71
mA
IPLL_CTX_VDDA
Input current for CTX PLL analog
3.3V power supply
—
0.62
0.71
mA
IVDD_IO
Input current for LVTTL 3.3V I/O
power supply
—
170
195
mA
IVDDP33
Input current for 3.3V LVDS power
supply
—10
11
mA
IVDD25
Input current for 2.5V LVDS power
supply
—
254
279
mA
IVDD12
Input current for 1.25V LVDS refer-
ence voltage
—391
44.91
mA
IVDD_SD
Input current for SerDes core 1.8V
power supply
—
2270
2695
mA
IVDD_SD_PLL
Input current for SerDes PLL 1.8V
power supply
—
210
270
mA
IVDD_TX
Input current for SerDes transmitters
2.5V power supply
—
813
825
mA
IVDD_REFCLK
Input current for SerDes reference
clock buffer 3.3V power supply
—1
3.3
mA
IIL33
Input leakage low current for
3.3V I/O
–5
—
5
µA
IIH33
Input leakage high current for
3.3V I/O
–5
—
5
µA
IIL33PU
Input leakage low current for
3.3V I/O with internal pullup
–80
—
5
µA
IIH33PU
Input leakage high current for
3.3V I/O with internal pullup
–5
—
5
µA
IIL33PD
Input leakage low current for
3.3V I/O with internal pulldown
–5
—
5
µA
IIH33PD
Input leakage high current for
3.3V I/O with internal pulldown
+5
—
200
µA
Table 11 89TSF552 DC Characteristics (except LVDS) (Part 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com