Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 60Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 61Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 62Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 63Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 64Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 65Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 67Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
Electrical characteristics
STM8AF6388
64/116
DocID031156 Rev 1
Table 24. Total current consumption in Run, Wait and Slow mode. General conditions
for VDD apply, TA = −40 °C to 150 °C
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RUN)(1)
Supply current in
Run mode
All peripherals
clocked, code
executed from Flash
program memory,
HSE external clock
(without resonator)
fCPU = 24 MHz 1 ws
8.8
16.9(2)
mA
fCPU = 16 MHz
7.5
14.1
fCPU = 8 MHz
4.1
7.5(2)
fCPU = 4 MHz
2.5
4.2(2)
fCPU = 2 MHz
1.6
2.6
IDD(RUN)(1)
Supply current in
Run mode
All peripherals
clocked, code
executed from RAM,
HSE external clock
(without resonator)
fCPU = 24 MHz
4.5
6.1(2)
fCPU = 16 MHz
3.8
5.1
fCPU = 8 MHz
2.3
3.1(2)
fCPU = 4 MHz
1.5
2.1(2)
fCPU = 2 MHz
1.1
1.6
IDD(WFI)(1)
Supply current in
Wait mode
CPU stopped, all
peripherals off, HSE
external clock
fCPU = 24 MHz
2.5
3.2(2)
fCPU = 16 MHz
1.75
2.6
fCPU = 8 MHz
1.25
2.0(2)
fCPU = 4 MHz
1.0
1.7(2)
fCPU = 2 MHz
0.90
1.6
IDD(SLOW)(1)
Supply current in
Slow mode
fCPU scaled down,
all peripherals off,
code executed from
RAM
External clock 16 MHz
fCPU = 125 kHz
1.60
2.05
LSI internal RC
fCPU = 128 kHz
1.60
1.90(2)
1. The current due to I/O utilization is not taken into account in these values.
2. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com