Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 69Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 70Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 71Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 72Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 73Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 74Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 75Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 76Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
DocID031156 Rev 1
73/116
STM8AF6388
Electrical characteristics
114
Table 35. Data memory
Symbol
Parameter
Condition
Min
Max
Unit
TWE
Temperature for writing and erasing
-
-40
150
°C
NWE
Data memory endurance(1)
(erase/write cycles)
1. The physical granularity of the memory is four bytes, so cycling is performed on four bytes even when a
write/erase operation addresses a single byte.
TA = 25 °C
300 k
-
cycles
TA = -40°C to 125 °C
100 k(2)
2. More information on the relationship between data retention time and number of write/erase cycles is
available in a separate technical document.
-
tRET
Data retention time
TA = 25 °C
40(2)(3)
3. Retention time for 256B of data memory after up to 1000 cycles at 125 °C.
-
years
TA = 55 °C
20(2)(3)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com