Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 20Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 23Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 24Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 25Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 26Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 27Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Product overview
STM8AF6388
24/116
DocID031156 Rev 1
5.9.2
Universal asynchronous receiver/transmitter with LIN support
(LINUART)
The devices covered by this datasheet contain one LINUART interface. The interface is
available on all the supported packages. The LINUART is an asynchronous serial
communication interface which supports extensive LIN functions tailored for LIN slave
applications. In LIN mode it is compliant to the LIN standards rev 1.2 to rev 2.2.
Detailed feature list:
LIN mode
Master mode
•
LIN break and delimiter generation
•
LIN break and delimiter detection with separate flag and interrupt source for read back
checking.
Slave mode
•
Autonomous header handling – one single interrupt per valid header
•
Mute mode to filter responses
•
Identifier parity error checking
•
LIN automatic resynchronization, allowing operation with internal RC oscillator (HSI)
clock source
•
Break detection at any time, even during a byte reception
•
Header errors detection:
–
Delimiter too short
–
Synch field error
–
Deviation error (if automatic resynchronization is enabled)
–
Framing error in synch field or identifier field
–
Header time-out
UART mode
•
Full duplex, asynchronous communications - NRZ standard format (mark/space)
•
High-precision baud rate generator
–
A common programmable transmit and receive baud rates up to fMASTER/16
•
Programmable data word length (8 or 9 bits) – 1 or 2 stop bits – parity control
•
Separate enable bits for transmitter and receiver
•
Error detection flags
•
Reduced power consumption mode
•
Multi-processor communication - enter mute mode if address match does not occur
•
Wakeup from mute mode (by idle line detection or address mark detection)
•
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com