Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AF6386TCX Datasheet HTML 1Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 2Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 3Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 4Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 5Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 6Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 7Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 8Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
This is information on a product in full production.
October 2017
DocID031156 Rev 1
1/116
STM8AF6388
Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data
EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
Datasheet
- production data
Features
• AEC-Q10x qualified
• Core
–Max fCPU: 24 MHz
– Advanced STM8A core with Harvard
architecture and 3-stage pipeline
– Average 1.6 cycles/instruction resulting in
10 MIPS at 16 MHz fCPU for industry
standard benchmark
• Memories
– Program memory: 32 to 128 Kbyte Flash
program; data retention 20 years at 55 °C
– Data memory: up to 2 Kbyte true data
EEPROM; endurance 300 kcycle
– RAM: 6 Kbyte
• Clock management
– Low-power crystal resonator oscillator with
external clock input
– Internal, user-trimmable 16 MHz RC and
low-power 128 kHz RC oscillators
– Clock security system with clock monitor
• Reset and supply management
– Wait/auto-wakeup/Halt low-power modes
with user definable clock gating
– Low consumption power-on and power-
down reset
• Interrupt management
– Nested interrupt controller with 32 vectors
– Up to 37 external interrupts on 5 vectors
• Timers
– 2 general purpose 16-bit timers with up to 3
CAPCOM channels each (IC, OC, PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-
time insertion and flexible synchronization
– 8-bit AR basic timer with 8-bit prescaler
– Auto-wakeup timer
– Window and independent watchdog timers
• I/Os
– Up to 68 user pins (11 high sink I/Os)
– Highly robust I/O design, immune against
current injection
• Communication interfaces
– USART with clock output for synchronous
operation - LIN master mode
– LINUART LIN 2.2 compliant, master/slave
modes with automatic resynchronization
– SPI interface up to 10 Mbit/s or fMASTER/2
–I2C interface up to 400 Kbit/s
• Analog to digital converter (ADC)
– 10-bit resolution, 2 LSB TUE, 1 LSB
linearity and up to 16 multiplexed channels
• Operating temperature up to 150 °C
• Qualification conforms to AEC-Q100 grade 0
VFQFP32 5x5 mm
LQFP32 7x7 mm
LQFP48 7x7 mm
LQFP64 10x10 mm
LQFP80 14x14 mm
www.st.com


Similar Part No. - STM8AF6386TCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF6346ITA STMICROELECTRONICS-STM8AF6346ITA Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346ITC STMICROELECTRONICS-STM8AF6346ITC Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346ITD STMICROELECTRONICS-STM8AF6346ITD Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346IUA STMICROELECTRONICS-STM8AF6346IUA Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346IUC STMICROELECTRONICS-STM8AF6346IUC Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results

Similar Description - STM8AF6386TCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
10-Nov-2016
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
26-Jun-2015
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
01-Apr-2020
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com