Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 17Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 18Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 19Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 20Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 23Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 24Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
DocID031156 Rev 1
21/116
STM8AF6388
Product overview
114
TIM1 - advanced control timer
This is a high-end timer designed for a wide range of control applications. With its
complementary outputs, dead-time control and center-aligned PWM capability, the field of
applications is extended to motor control, lighting and bridge driver.
•
16-bit up, down and up/down AR (auto-reload) counter with 16-bit fractional prescaler.
•
Four independent CAPCOM channels configurable as input capture, output compare,
PWM generation (edge and center aligned mode) and single pulse mode output
•
Trigger module which allows the interaction of TIM1 with other on-chip peripherals. In
the present implementation it is possible to trigger the ADC upon a timer event.
•
External trigger to change the timer behavior depending on external signals
•
Break input to force the timer outputs into a defined state
•
Three complementary outputs with adjustable dead time
•
Interrupt sources: 4 x input capture/output compare, 1 x overflow/update, 1 x break
TIM2, TIM3 - 16-bit general purpose timers
•
16-bit auto-reload up-counter
•
15-bit prescaler adjustable to fixed power of two ratios 1…32768
•
Timers with three or two individually configurable CAPCOM channels
•
Interrupt sources: 2 or 3 x input capture/output compare, 1 x overflow/update
5.7.5
Basic timer
The typical usage of this timer (TIM4) is the generation of a clock tick.
•
8-bit auto-reload, adjustable prescaler ratio to any power of two from 1 to 128
•
Clock source: master clock
•
Interrupt source: 1 x overflow/update
Table 4. Advanced control and general purpose timers
Timer
Counter
width
Counter
type
Prescaler
factor
Channels
Inverted
outputs
Repetition
counter
trigger
unit
External
trigger
Break
input
TIM1
16-bit
Up/down 1 to 65536
4
3
Yes
Yes
Yes
Yes
TIM2
16-bit
Up
2n
n = 0 to 15
3
None
No
No
No
No
TIM3
16-bit
Up
2n
n = 0 to 15
2
None
No
No
No
No
Table 5. TIM4
Timer
Counter
width
Counter
type
Prescaler
factor
Channels
Inverted
outputs
Repetition
counter
trigger
unit
External
trigger
Break
input
TIM4
8-bit
Up
2n
n = 0 to 7
0
None
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com