Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 84Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 85Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 86Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 87Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 88Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 89Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 90Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 91Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
Electrical characteristics
STM8AF6388
88/116
DocID031156 Rev 1
Electromagnetic interference (EMI)
Emission tests conform to the IEC 61967-2 standard for test software, board layout and pin
loading.
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD and LU) using specific measurement methods, the
product is stressed to determine its performance in terms of electrical sensitivity. For more
details, refer to the application note AN1181.
Electrostatic discharge (ESD)
Electrostatic discharges (3 positive then 3 negative pulses separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). This test
conforms to the JESD22-A114A/A115A standard. For more details, refer to the application
note AN1181.
Table 44. EMI data
Symbol
Parameter
Conditions
Unit
General
conditions
Monitored
frequency band
Max fCPU(1)
1. Guaranteed by characterization results, not tested in production.
8
MHz
16
MHz
24
MHz
SEMI
Peak level
VDD = 5 V,
TA = 25 °C,
LQFP80 package
conforming to IEC
61967-2
0.1 MHz to 30 MHz
15
17
22
dBµV
30 MHz to 130 MHz
18
22
16
130 MHz to 1 GHz
-1
3
5
EMI level
-
2
2.5
2.5
Table 45. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
1. Guaranteed by characterization results, not tested in production
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA = 25 °C, conforming
to JESD22-A114
3A
4000
V
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
TA = 25 °C, conforming
to JESD22-C101
3
500
VESD(MM)
Electrostatic discharge voltage
(charge device model)
TA = 25 °C, conforming
to JESD22-A115
B
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com