Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8AF6386TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TCX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8AF6386TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 23Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 24Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 25Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 26Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 27Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 28Page - STMicroelectronics STM8AF6386TCX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
DocID031156 Rev 1
25/116
STM8AF6388
Product overview
114
5.9.3
Serial peripheral interface (SPI)
The devices covered by this datasheet contain one SPI. The SPI is available on all the
supported packages.
•
Maximum speed: 10 Mbit/s or fMASTER/2 for master, 8 Mbit/s or fMASTER /2 for slave
•
Full duplex synchronous transfers
•
Simplex synchronous transfers on two lines with a possible bidirectional data line
•
Master or slave operation - selectable by hardware or software
•
CRC calculation
•
1 byte Tx and Rx buffer
•
Slave mode/master mode management by hardware or software for both master and
slave
•
Programmable clock polarity and phase
•
Programmable data order with MSB-first or LSB-first shifting
•
Dedicated transmission and reception flags with interrupt capability
•
SPI bus busy status flag
•
Hardware CRC feature for reliable communication:
–
CRC value can be transmitted as last byte in Tx mode
–
CRC error checking for last received byte
5.9.4
Inter integrated circuit (I2C) interface
The devices covered by this datasheet contain one I2C interface. The interface is available
on all the supported packages.
•
I2C master features:
–
Clock generation
–
Start and stop generation
•
I2C slave features:
–
Programmable I2C address detection
–
Stop bit detection
•
Generation and detection of 7-bit/10-bit addressing and general call
•
Supports different communication speeds:
–
Standard speed (up to 100 kHz),
–
Fast speed (up to 400 kHz)
•
Status flags:
–
Transmitter/receiver mode flag
–
End-of-byte transmission flag
–I2C busy flag
•
Error flags:
–
Arbitration lost condition for master mode
–
Acknowledgement failure after address/data transmission
–
Detection of misplaced start or stop condition
–
Overrun/underrun if clock stretching is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com