Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 6 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 6 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 2Page - C-Media Electronics CM220L Datasheet HTML 3Page - C-Media Electronics CM220L Datasheet HTML 4Page - C-Media Electronics CM220L Datasheet HTML 5Page - C-Media Electronics CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 6 -
3. Ordering Information
Model Number
Package
Operating Ambient
Temperature
Supply Range
CM220F
128-Pin LQFP
0
o C to +70o C
DVdd =3.3V, AVdd = 3.3V
CM220L
100-Pin QFP
0
o C to +70o C
DVdd =3.3V, AVdd = 3.3V
CM220S
48-Pin LQFP
0
o C to +70o C
DVdd =3.3V, AVdd = 3.3V
Feature
CM220F
CM220L
CM220S
Package
LQFP 128
QFP 100
LQFP 48
SPI
Yes
No
No
EEPROM Interface (For
VID/PID)
Yes
No
No
High Speed MMC
Yes (8bit mode, Ver4.1) Yes (4 bit mode, Ver4.1)
Yes (4 bit mode, Ver4.1)
High Speed SD
Yes (SD Ver1.1)
Yes (SD Ver1.1)
Yes (SD Ver1.1)
GPIO
Yes
No
No
LED Display
x5, x2, x1 LED
x2, x1 LED
x1 LED
Updateable
Yes
Yes
Yes
Card Manager UI
Yes
Yes
Yes
Supported Card
All
All
SD/MMC/MS/MS-Pro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com