Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 13 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 13 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics CM220L Datasheet HTML 13Page - C-Media Electronics CM220L Datasheet HTML 14Page - C-Media Electronics CM220L Datasheet HTML 15Page - C-Media Electronics CM220L Datasheet HTML 16Page - C-Media Electronics CM220L Datasheet HTML 17Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 13 -
6. MECHANICAL DIMENSIONS
Outline of Dimensions
Dimensions shown in inches and mm
128 Pin LQFP for CM220F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com