Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 9 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 9 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 5Page - C-Media Electronics CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics CM220L Datasheet HTML 13Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 9 -
NC
NC
73
SCEB
DO, PU
DO, PU
DIO, PU
SPI – CEB
EEPROM – CS
SD – SDD[7]
NC
NC
74
SCLK
DO, PU
DO, PU
DIO, PU
SPI - Clock Output
EEPROM – SK
SD – SDD[6]
NC
NC
75
SDO
DO, PU
DO, PU
DIO, PU
SPI - Data Output
EEPROM – DI
SD - SDD[4]
NC
NC
76
SDI
DI, PU
DI, PU
DIO, PU
SPI - Data Input
EEPROM – DO
SD - SDD[5]
32
57
77
RSTB
DI
System Reset, Low active
33
58
78
SDWP
DI, PU
SD card write protect, low active
NC
59
79
VCC3V(O)
Digital power. Connected to 3.3 V
34
60
80
SDD[1]
DIO, PU
SD card data bus
35
61
81
SDD[0]
DIO, PU
SD card data bus
36
62
82
SDCLK
DO
SD card clock
37
63
83
SDCMD
DIO, PU
SD card command bus
38
64
84
SDD[3]
DIO, PU
SD card data bus
39
65
85
SDD[2]
DIO, PU
SD card data bus
NC
66
86
USBLED
DO
USB configuration indicator Led, High
active
NC
NC
87
SDLED
DO
SD Card access indicator Led, High active
40
67
88
SDPWR
DO
SD Card power control, low active
41
68
89
SDCD
DI, PU
SD Card detect pin, low active
NC
NC
90
GPIO3
DIO
General Purpose Input Output
42
69
91
GND(CORE)
Digital Ground pin
42
69
91
GND(O)
Digital Ground pin
42
69
91
GND(I)
Digital Ground pin
43
70
92
VCC3V(O)
Digital power. Connected to 3.3 V
43
70
92
VCC3V(I)
Digital power. Connected to 3.3 V
44
71
93
MSCLK
DO
MS Clock Output
45
72
94
MSD[3]
DIO, PD
MS card data bus
46
73
95
MSD[2]
DIO, PD
MS card data bus
47
74
96
MSD[0]
DIO, PD
MS card data bus
48
75
97
MSD[1]
DIO, PD
MS card data bus
1
76
98
MSBS
DO
MS Bus State Output
2
77
99
MSCD
DI, PU
MS Card detect pin, low active
3
78
100
MSPWR
DO
MS Card power control, low active
NC
NC
101
GND(O)
Digital Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com