Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 10 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 10 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics CM220L Datasheet HTML 13Page - C-Media Electronics CM220L Datasheet HTML 14Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 10 -
NC
NC
102
VCC3V(O)
Digital power. Connected to 3.3 V
NC
NC
103
MSLED
DO
MS Card access indicator Led, High active
NC
NC
104
GPIO2
DIO
General Purpose Input Output
NC
79
105
SMWPB
DO
SM write protect, low active
NC
80
106
XDRDY
DI
XD card ready/busy status
NC
81
107
XDREB
DO
Read enable, low active
NC
82
108
XDCEB
DO
Card enable, low active
NC
83
109
XDCLE
DO
Command latch enable, high active
4
84
110
XDALE
DO
Address latch enable, high active
5
85
111
XDWEB
DO
Write enable, low active
6
86
112
GND(O)
Digital Ground pin
7
87
113
VCC3V(O)
Digital power. Connected to 3.3 V
NC
88
114
XDWPB
DO
XD write protect, low active
NC
89
115
XDD[0]
DIO, PD
XD/SM card data bus
NC
90
116
XDD[1]
DIO, PD
XD/SM card data bus
NC
91
117
XDD[2]
DIO, PD
XD/SM card data bus
NC
92
118
XDD[3]
DIO, PD
XD/SM card data bus
NC
93
119
XDD[4]
DIO, PD
XD/SM card data bus
NC
94
120
XDD[5]
DIO, PD
XD/SM card data bus
NC
95
121
XDD[6]
DIO, PD
XD/SM card data bus
NC
96
122
XDD[7]
DIO, PD
XD/SM card data bus
NC
97
123
VCC3V(O)
Digital power. Connected to 3.3 V
NC
98
124
GND(O)
Digital Ground pin
NC
98
124
GND(I)
Digital Ground pin
NC
99
125
SMPWR
DO
SM Card power control, low active
8
100
126
SMLED
DO
SM Card access indicator Led, High active
9
1
128
UDPS
DI
0: 500mA
1: 100mA
Note
1. DO ==> output
2. DI ==> input
3. DIO ==> Bi-direction
4. PD == > Internal pull low
5. PU == > Internal pull high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com