Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 19 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 19 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics CM220L Datasheet HTML 13Page - C-Media Electronics CM220L Datasheet HTML 14Page - C-Media Electronics CM220L Datasheet HTML 15Page - C-Media Electronics CM220L Datasheet HTML 16Page - C-Media Electronics CM220L Datasheet HTML 17Page - C-Media Electronics CM220L Datasheet HTML 18Page - C-Media Electronics CM220L Datasheet HTML 19Page - C-Media Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 19 -
7. ERRATA
Revision History
2004.6.25 Version 0.90 Prelimilary version
2004.7.15 Version 1.00 1st version for release
2004.9.23 Version 1.02
2004.11.11 Version 1.03 Pin Modification
2005.3.8 Version 1.2 Add CM220S LQFP 64
2005.5.13 Version 1.3 Modify wording
2005.8.1 Version 1.4 Shrink CM220S Pin Count to LQFP 48
-End of Documentation-
C-MEDIA ELECTRONICS INC.
6F., 100, Sec. 4, Civil Boulevard, Taipei, Taiwan 106 R.O.C.
TEL:886-2-8773-1100
FAX:886-2-8773-2211
E-mail:sales@cmedia.com.tw
URL:http://www.cmedia.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com